Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF2341E Datasheet(PDF) 6 Page - GOOD-ARK Electronics

Part # SSF2341E
Description  20V P-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2341E Datasheet(HTML) 6 Page - GOOD-ARK Electronics

  SSF2341E_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2341E_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2341E_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2341E_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2341E_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2341E_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF2341E_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SSF2341E
20V P-Channel MOSFET
www.goodark.com
Page 6 of 7
Rev.1.1
Mechanical Data
Min
Max
Min
Max
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
e1
1.800
2.000
0.071
0.079
L
L1
0.300
0.500
0.012
0.020
θ
0
0
8
0
0
0
8
0
Symbol
Dimension In M illimeters
Dimension In Inche s
0.95TYP
0.037TYP
0.55REF
0.022REF
SOT-23 PACKAGE OUTLINE DIMENSION


Similar Part No. - SSF2341E_15

ManufacturerPart #DatasheetDescription
logo
Semikron International
SSF2341E SEMIKRON-SSF2341E_17 Datasheet
541Kb / 8P
   Advanced MOSFET process technology
More results

Similar Description - SSF2341E_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com