Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8117A-00CDT Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX8117A-00CDT
Description  0.8, 1 & 1.2A LOW DROPOUT POSITIVE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8117A-00CDT Datasheet(HTML) 9 Page - Microsemi Corporation

  LX8117A-00CDT Datasheet HTML 1Page - Microsemi Corporation LX8117A-00CDT Datasheet HTML 2Page - Microsemi Corporation LX8117A-00CDT Datasheet HTML 3Page - Microsemi Corporation LX8117A-00CDT Datasheet HTML 4Page - Microsemi Corporation LX8117A-00CDT Datasheet HTML 5Page - Microsemi Corporation LX8117A-00CDT Datasheet HTML 6Page - Microsemi Corporation LX8117A-00CDT Datasheet HTML 7Page - Microsemi Corporation LX8117A-00CDT Datasheet HTML 8Page - Microsemi Corporation LX8117A-00CDT Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
0.8, 1 & 1.2A L OW DROPOUT POSITIVE REGULATORS
LX8117-xx/8117A-xx/8117B-xx
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 1999
Rev. 1.4
3/99
P RODUCTION D AT A S HEET
TYPICAL APPLICA TIONS
LX8117-xx
OUT
IN
ADJ
150µF
V
IN
R2
365
1%
10µF
R1
121
1%
C1
10µF*
* C1 improves ripple rejection.
X
C should be ≈ R1 at ripple
frequency.
V
OUT
5V
(Note A)
FIGURE 5 — 1.2V - 8V ADJUSTABLE REGULATOR
FIGURE 4 — IMPROVING RIPPLE REJECTION
LX8117-xx
OUT
IN
ADJ
V
OUT**
V
IN
R1
121
R2
1k
C1*
10µF
* Needed if device is far from filter capacitors.
** V
OUT = 1.25V
1 +
C2
100µF
R2
R1
(Note A)
FIGURE 6 — FIXED 3.3V OUTPUT REGULATOR
Note A:
V
IN (MIN) = (Intended VOUT) + (VDROPOUT (MAX))
3.3V
V
IN
10µF Tantalum
or 100µF Aluminum
Min. 15µF Tantalum or
100µF Aluminum capacitor.
May be increased without
limit. ESR must be less
than 50m
Ω.
LX8117-33
OUT
IN
GND
PRODUCTION DATA - Information contained in this document is proprietary to Linfinity, and is current as of publication date. This document
may not be modified in any way without the express written consent of Linfinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LX8117A-00CDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8117A-XXCDD MICROSEMI-LX8117A-XXCDD Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117A-XXCDT MICROSEMI-LX8117A-XXCDT Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117A-XXCST MICROSEMI-LX8117A-XXCST Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
More results

Similar Description - LX8117A-00CDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
   1.2A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
   1.2A Low Dropout Positive Voltage Regulator
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
LX8586 MICROSEMI-LX8586 Datasheet
266Kb / 9P
   6A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8582A-XX MICROSEMI-LX8582A-XX Datasheet
199Kb / 7P
   8.5A LOW DROPOUT POSITIVE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com