Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1612AIDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1612AIDR
Description  SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1612AIDR Datasheet(HTML) 5 Page - Texas Instruments

  OPA1612AIDR Datasheet HTML 1Page - Texas Instruments OPA1612AIDR Datasheet HTML 2Page - Texas Instruments OPA1612AIDR Datasheet HTML 3Page - Texas Instruments OPA1612AIDR Datasheet HTML 4Page - Texas Instruments OPA1612AIDR Datasheet HTML 5Page - Texas Instruments OPA1612AIDR Datasheet HTML 6Page - Texas Instruments OPA1612AIDR Datasheet HTML 7Page - Texas Instruments OPA1612AIDR Datasheet HTML 8Page - Texas Instruments OPA1612AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
OPA1611, OPA1612
www.ti.com
SBOS450C – JULY 2009 – REVISED AUGUST 2014
6.4
Electrical Characteristics: VS = ±2.25 V to ±18 V
At TA = +25°C and RL = 2 kΩ, unless otherwise noted. VCM = VOUT = midsupply, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO PERFORMANCE
0.000015%
THD+N
Total harmonic distortion + noise
G = +1, f = 1 kHz, VO = 3 VRMS
–136
dB
0.000015%
SMPTE/DIN two-tone, 4:1 (60 Hz and 7 kHz),
G = +1, VO = 3 VRMS
–136
dB
0.000012%
DIM 30 (3-kHz square wave and 15-kHz sine
IMD
Intermodulation distortion
wave), G = +1, VO = 3 VRMS
–138
dB
0.000008%
CCIF twin-tone (19 kHz and 20 kHz), G = +1,
VO = 3 VRMS
–142
dB
FREQUENCY RESPONSE
G = 100
80
MHz
GBW
Gain-bandwidth product
G = 1
40
MHz
SR
Slew rate
G = –1
27
V/
μs
Full-power bandwidth(1)
VO = 1 VPP
4
MHz
Overload recovery time
G = –10
500
ns
Channel separation (dual)
f = 1 kHz
–130
dB
NOISE
Input voltage noise
f = 20 Hz to 20 kHz
1.2
μVPP
f = 10 Hz
2
nV/
√Hz
en
Input voltage noise density(2)
f = 100 Hz
1.5
nV/
√Hz
f = 1 kHz
1.1
1.5
nV/
√Hz
f = 10 Hz
3
pA/
√Hz
In
Input current noise density
f = 1 kHz
1.7
pA/
√Hz
OFFSET VOLTAGE
VOS
Input offset voltage
VS = ±15 V
±100
±500
μV
dVOS/dT
VOS over temperature
(2)
TA = –40°C to +85°C
1
4
μV/°C
PSRR
Power-supply rejection ratio
VS = ±2.25 V to ±18 V
0.1
1
μV/V
INPUT BIAS CURRENT
VCM = 0 V
±60
±250
nA
IB
Input bias current
VCM = 0 V, DRG package only
±60
±300
nA
IB over temperature
(2)
TA = –40°C to +85°C
350
nA
IOS
Input offset current
VCM = 0 V
±25
±175
nA
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) + 2
(V+) – 2
V
CMRR
Common-mode rejection ratio
(V–) + 2 V
≤ VCM ≤ (V+) – 2 V
110
120
dB
INPUT IMPEDANCE
Differential
20k || 8
Ω || pF
Common-mode
Ω || pF
109 || 2
(1)
Full-power bandwidth = SR / (2
π × VP), where SR = slew rate.
(2)
Specified by design and characterization.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA1611 OPA1612


Similar Part No. - OPA1612AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612AIDR TI-OPA1612AIDR Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1612AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1641-Q1 TI1-OPA1641-Q1 Datasheet
679Kb / 31P
[Old version datasheet]   SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com