Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1612AID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1612AID
Description  SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1612AID Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA1612AID Datasheet HTML 3Page - Texas Instruments OPA1612AID Datasheet HTML 4Page - Texas Instruments OPA1612AID Datasheet HTML 5Page - Texas Instruments OPA1612AID Datasheet HTML 6Page - Texas Instruments OPA1612AID Datasheet HTML 7Page - Texas Instruments OPA1612AID Datasheet HTML 8Page - Texas Instruments OPA1612AID Datasheet HTML 9Page - Texas Instruments OPA1612AID Datasheet HTML 10Page - Texas Instruments OPA1612AID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
140
120
100
80
60
40
20
0
20
40
-
-
180
160
140
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
100M
Frequency(Hz)
Phase
Gain
25
20
15
10
5
0
5
10
15
20
25
-
-
-
-
-
100k
1M
10M
100M
Frequency(Hz)
G=+10
G=+1
G= 1
-
10k
1k
100
10
1
100
1k
10k
100k
1M
Source Resistance, R ( )
W
S
Resistor
Noise
E
= e
O
n
S
+ (i R ) + 4kTR
n
S
2
2
2
R
S
E
O
Total Output
Voltage Noise
30
25
20
15
10
5
0
10k
100k
1M
10M
Frequency (Hz)
V = 2.25V
S
±
V = 5V
S
±
V = 15V
S
±
Maximum output
voltage range
without slew-rate
induced distortion
0.1
Frequency(Hz)
100k
10
1
100
1k
10k
100
10
1
CurrentNoiseDensity
VoltageNoiseDensity
Time(1s/div)
OPA1611, OPA1612
www.ti.com
SBOS450C – JULY 2009 – REVISED AUGUST 2014
6.5 Typical Characteristics
At TA = +25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
Figure 2. 0.1-Hz to 10-Hz Noise
Figure 1. Input Voltage Noise Density and Input Current
Noise Density vs Frequency
Figure 4. Maximum Output Voltage vs Frequency
Figure 3. Voltage Noise vs Source Resistance
Figure 5. Gain and Phase vs Frequency
Figure 6. Closed-Loop Gain vs Frequency
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA1611 OPA1612


Similar Part No. - OPA1612AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612AID TI-OPA1612AID Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612AIDR TI-OPA1612AIDR Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1612AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1641-Q1 TI1-OPA1641-Q1 Datasheet
679Kb / 31P
[Old version datasheet]   SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com