Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1612-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA1612-Q1
Description  OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1612-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  OPA1612-Q1_15 Datasheet HTML 1Page - Texas Instruments OPA1612-Q1_15 Datasheet HTML 2Page - Texas Instruments OPA1612-Q1_15 Datasheet HTML 3Page - Texas Instruments OPA1612-Q1_15 Datasheet HTML 4Page - Texas Instruments OPA1612-Q1_15 Datasheet HTML 5Page - Texas Instruments OPA1612-Q1_15 Datasheet HTML 6Page - Texas Instruments OPA1612-Q1_15 Datasheet HTML 7Page - Texas Instruments OPA1612-Q1_15 Datasheet HTML 8Page - Texas Instruments OPA1612-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
8
7
6
5
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
A
B
OPA1612-Q1
www.ti.com
SLOS931A – NOVEMBER 2015 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
OUT A
O
Output, channel A
2
–IN A
I
Inverting input, channel A
3
+IN A
I
Noninverting input, channel A
4
V–
Negative (lowest) power supply
5
+IN B
I
Inverting input, channel B
6
–IN B
I
Noninverting input, channel B
7
OUT B
O
Output, channel B
8
V+
Positive (highest) power supply
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA1612-Q1


Similar Part No. - OPA1612-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
More results

Similar Description - OPA1612-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   High-Fidelity, Bipolar-Input, Audio Operational Amplifier
logo
New Japan Radio
MUSE02 NJRC-MUSE02 Datasheet
397Kb / 12P
   High Quality Audio, Bipolar Input, Dual Operational Amplifier
MUSES02 NJRC-MUSES02 Datasheet
396Kb / 12P
   High Quality Audio, Bipolar Input, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com