Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1611 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1611
Description  SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1611 Datasheet(HTML) 1 Page - Texas Instruments

  OPA1611 Datasheet HTML 1Page - Texas Instruments OPA1611 Datasheet HTML 2Page - Texas Instruments OPA1611 Datasheet HTML 3Page - Texas Instruments OPA1611 Datasheet HTML 4Page - Texas Instruments OPA1611 Datasheet HTML 5Page - Texas Instruments OPA1611 Datasheet HTML 6Page - Texas Instruments OPA1611 Datasheet HTML 7Page - Texas Instruments OPA1611 Datasheet HTML 8Page - Texas Instruments OPA1611 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Pre-Output Driver
OUT
V-
V+
IN-
IN+
0.01
0.001
0.0001
0.00001
0.000001
-
-
-
-
-
80
100
120
140
160
0.01
0.1
1
10
20
Output Amplitude (V
)
RMS
1kHz Signal
BW = 80kHz
R
= 0
SOURCE
W
G = +1, R = 600W
L
G = +1, R = 2k
G = 1, R = 600
L
L
W
-
W
G = 1, R = 2k
G = +10, R = 600
G = +10, R = 2k
-
W
W
W
L
L
L
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA1611, OPA1612
SBOS450C – JULY 2009 – REVISED AUGUST 2014
OPA161x SoundPlus™ High-Performance, Bipolar-Input Audio Operational Amplifiers
1 Features
3 Description
The OPA1611 (single) and OPA1612 (dual) bipolar-
1
Superior Sound Quality
input
operational
amplifiers
achieve
very
low
Ultralow Noise: 1.1 nV/
√Hz at 1 kHz
1.1-nV/
√Hz noise density with an ultralow distortion of
Ultralow Distortion:
0.000015% at 1 kHz. The OPA1611 and OPA1612
0.000015% at 1 kHz
offer rail-to-rail output swing to within 600 mV with a
2-k
Ω load, which increases headroom and maximizes
High Slew Rate: 27 V/
μs
dynamic range. These devices also have a high
Wide Bandwidth: 40 MHz (G = +1)
output drive capability of ±30 mA.
High Open-Loop Gain: 130 dB
These devices operate over a very wide supply range
Unity Gain Stable
of ±2.25 V to ±18 V, on only 3.6 mA of supply current
Low Quiescent Current:
per channel. The OPA1611 and OPA1612 op amps
3.6 mA per Channel
are unity-gain stable and provide excellent dynamic
behavior over a wide range of load conditions.
Rail-to-Rail Output
Wide Supply Range: ±2.25 V to ±18 V
The dual version features completely independent
circuitry for lowest crosstalk and freedom from
Single and Dual Versions Available
interactions between channels, even when overdriven
or overloaded.
2 Applications
Both the OPA1611 and OPA1612 are available in
Professional Audio Equipment
SOIC-8 packages and the OPA1612 is available in
Microphone Preamplifiers
SON-8. These devices are specified from –40°C to
Analog and Digital Mixing Consoles
+85°C.
Broadcast Studio Equipment
Device Information(1)
Audio Test And Measurement
PART NUMBER
PACKAGE
BODY SIZE (NOM)
High-End A/V Receivers
OPA1611
SOIC (8)
4.90 mm × 3.91 mm
SOIC (8)
4.90 mm × 3.91 mm
OPA1612
SON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
space
space
THD+N Ratio vs Output Amplitude
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA1611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611AID TI-OPA1611AID Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611AIDR TI-OPA1611AIDR Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1641-Q1 TI1-OPA1641-Q1 Datasheet
679Kb / 31P
[Old version datasheet]   SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com