Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1611 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1611
Description  SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1611 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA1611 Datasheet HTML 2Page - Texas Instruments OPA1611 Datasheet HTML 3Page - Texas Instruments OPA1611 Datasheet HTML 4Page - Texas Instruments OPA1611 Datasheet HTML 5Page - Texas Instruments OPA1611 Datasheet HTML 6Page - Texas Instruments OPA1611 Datasheet HTML 7Page - Texas Instruments OPA1611 Datasheet HTML 8Page - Texas Instruments OPA1611 Datasheet HTML 9Page - Texas Instruments OPA1611 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
OPA1611, OPA1612
SBOS450C – JULY 2009 – REVISED AUGUST 2014
www.ti.com
Electrical Characteristics: VS = ±2.25 V to ±18 V (continued)
At TA = +25°C and RL = 2 kΩ, unless otherwise noted. VCM = VOUT = midsupply, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
(V–) + 0.2 V
≤ VO ≤ (V+) – 0.2 V, RL = 10 kΩ
114
130
dB
AOL
Open-loop voltage gain
(V–) + 0.6 V
≤ VO ≤ (V+) – 0.6 V, RL = 2 kΩ
110
114
dB
OUTPUT
RL = 10 kΩ, AOL ≥ 114 dB
(V–) + 0.2
(V+) – 0.2
V
VOUT
Voltage output
RL = 2 kΩ, AOL ≥ 110 dB
(V–) + 0.6
(V+) – 0.6
V
IOUT
Output current
See Figure 27
mA
ZO
Open-loop output impedance
See Figure 28
+55
mA
ISC
Short-circuit current
–62
mA
CLOAD
Capacitive load drive
See Typical Characteristics
pF
POWER SUPPLY
VS
Specified voltage
±2.25
±18
V
IQ
Quiescent current (per channel)
IOUT = 0 A
3.6
4.5
mA
IQ over Temperature
(3)
TA = –40°C to +85°C
5.5
mA
TEMPERATURE RANGE
Specified range
–40
+85
°C
Operating range
–55
+125
°C
θ JA
Thermal resistance, SOIC-8
150
°C/W
(3)
Specified by design and characterization.
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: OPA1611 OPA1612


Similar Part No. - OPA1611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611AID TI-OPA1611AID Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611AIDR TI-OPA1611AIDR Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1641-Q1 TI1-OPA1641-Q1 Datasheet
679Kb / 31P
[Old version datasheet]   SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com