Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1602 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA1602
Description  High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1602 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA1602_15 Datasheet HTML 5Page - Texas Instruments OPA1602_15 Datasheet HTML 6Page - Texas Instruments OPA1602_15 Datasheet HTML 7Page - Texas Instruments OPA1602_15 Datasheet HTML 8Page - Texas Instruments OPA1602_15 Datasheet HTML 9Page - Texas Instruments OPA1602_15 Datasheet HTML 10Page - Texas Instruments OPA1602_15 Datasheet HTML 11Page - Texas Instruments OPA1602_15 Datasheet HTML 12Page - Texas Instruments OPA1602_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
1.5
2
2.5
3
3.5
4
−40
−15
10
35
60
85
110
OPA1604
OPA1602
Temperature (°C)
<−−−−−− Specified Temperature Range −−−−−−>
G017
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
0
4
8
12
16
20
24
28
32
36
OPA1604
OPA1602
Supply Voltage (V)
<−−−−−− Specified Supply−Voltage Range −−−−−>
G018
75
70
65
60
55
50
45
40
35
30
-50
-25
0
25
50
75
100
125
Temperature ( C)
°
V = 18V
S
±
+I
SC
-ISC
0.3
0.25
0.2
0.15
0.1
0.05
0
0
60
120
180
240
300
360
Time (s)
OPA1602
OPA1604
20
30
50
60
70
80
Output Current (mA)
18
16
14
12
10
-10
12
14
16
18
-
-
-
-
40
V = 18V
S
±
+125 C
+85 C
+25 C
0 C
25 C
40 C
-
-
°
°
°
°
°
°
10k
1k
100
10
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
OPA1602
OPA1604
www.ti.com
SBOS474B
– APRIL 2011 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 25.
Figure 26.
IQ WARMUP
(Difference from IQ at Startup, Per Channel)
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Figure 27.
Figure 28.
OPEN-LOOP OUTPUT IMPEDANCE vs
OUTPUT VOLTAGE vs OUTPUT CURRENT
FREQUENCY
Figure 29.
Figure 30.
Copyright
© 2011, Texas Instruments Incorporated
9
Product Folder Link(s): OPA1602 OPA1604


Similar Part No. - OPA1602_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
More results

Similar Description - OPA1602_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com