Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA378 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA378
Description  Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA378_15 Datasheet HTML 5Page - Texas Instruments OPA378_15 Datasheet HTML 6Page - Texas Instruments OPA378_15 Datasheet HTML 7Page - Texas Instruments OPA378_15 Datasheet HTML 8Page - Texas Instruments OPA378_15 Datasheet HTML 9Page - Texas Instruments OPA378_15 Datasheet HTML 10Page - Texas Instruments OPA378_15 Datasheet HTML 11Page - Texas Instruments OPA378_15 Datasheet HTML 12Page - Texas Instruments OPA378_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
10k
1k
100
10
1
0.1
1
Frequency(Hz)
1k
100
10k
100k
1M
10
I =0A
O
I =400 A
m
O
I =2mA
O
50
40
30
20
10
0
10
20
30
40
50
-
-
-
-
-
-1V
InputDifferentialVoltage(mV)
-400
-600
-200
0
400
200
600
1V
-800
800
NormalOperatingRange
(seethe
sectioninthe
ApplicationsInformation)
InputDifferential
Voltage
Over-DrivenCondition
Over-DrivenCondition
1k
Frequency(Hz)
10k
100k
1G
-160
140
120
100
80
60
40
20
0
-
-
-
-
-
-
-
1M
10M
100M
OPA378
OPA2378
www.ti.com
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ, VS = +5.5V and VOUT = VS/2, unless otherwise noted.
INPUT BIAS CURRENT vs
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
INPUT DIFFERENTIAL VOLTAGE
Figure 23.
Figure 24.
OPA2378 CHANNEL SEPARATION
Figure 25.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA378 OPA2378


Similar Part No. - OPA378_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA378 TI-OPA378_1 Datasheet
980Kb / 24P
[Old version datasheet]   Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
More results

Similar Description - OPA378_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA378 TI-OPA378_2 Datasheet
792Kb / 27P
[Old version datasheet]   Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378_1 Datasheet
980Kb / 24P
[Old version datasheet]   Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
logo
National Semiconductor ...
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
logo
Texas Instruments
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com