Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA376-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA376-Q1
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA376-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA376-Q1_15 Datasheet HTML 4Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 5Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 6Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 7Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 8Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 9Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 10Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 11Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
½
°
½
OffsetVoltageDrift ( V/ C)
m
OffsetVoltage( V)
m
1k
6
5
4
3
2
1
0
Frequency(Hz)
10M
100k
10k
1M
V =5.5V
S
V =5V
S
V =2.5V
S
10
50
40
30
20
10
0
LoadCapacitance(pF)
1k
100
G=+1V/V
Time(400ns/div)
G=+1
R =10k
C
W
=50pF
L
L
Time(2 s/div)
m
G=+1
R =2kW
C =50pF
L
L
OPA376-Q1
OPA2376-Q1, OPA4376-Q1
SBOS549
– APRIL 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +5V, RL = 10kΩ connected to VS/2, VCM = VS/2, and VO UT = VS/2, unless otherwise noted.
OFFSET VOLTAGE DRIFT
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
PRODUCTION DISTRIBUTION
(
–40°C to +125°C)
Figure 13.
Figure 14.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
Figure 15.
Figure 16.
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA376-Q1 OPA2376-Q1 OPA4376-Q1


Similar Part No. - OPA376-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
More results

Similar Description - OPA376-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com