Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA365-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA365-Q1
Description  50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA365-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA365-Q1_15 Datasheet HTML 1Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 2Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 3Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 4Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 5Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 6Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 7Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 8Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
2
3
4
5
6
7
8
+IN B
-IN B
V
B
OUT
V+
V-
+IN A
-IN A
V
A
OUT
OPA2365
D PACKAGE
(TOP VIEW)
1
2
3
5
4
V+
–IN
+IN
V–
V
OUT
OPA365
DBV PACKAGE
(TOP VIEW)
OPA365-Q1
OPA2365-Q1
www.ti.com
SBOS512C – MARCH 2010 – REVISED APRIL 2012
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
Check for Samples: OPA365-Q1, OPA2365-Q1
1
FEATURES
Low Input Bias Current: 0.2 pA
2.2-V to 5.5-V Operation
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following
Results:
Device Temperature Grade 1: –40°C to
125°C Ambient Operating Temperature
Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C3B
Gain Bandwidth: 50 MHz
Zero-Crossover Distortion Topology
Excellent THD+N: 0.0004%
CMRR: 100 dB (Min)
Rail-to-Rail Input and Output
Input 100 mV Beyond Supply Rail
Low Noise: 4.5 nV/
√Hz at 100 kHz
Slew Rate: 25 V/µs
Fast Settling: 0.3 µs to 0.01%
Precision
Low Offset: 100 µV
DESCRIPTION
The OPAx365 zero-crossover family, rail-to-rail, high-performance, CMOS operational amplifiers are optimized
for very low voltage, single-supply applications. Rail-to-rail input/output, low-noise (4.5 nV/
√Hz) and high-speed
operation (50-MHz gain bandwidth) make these devices ideal for driving sampling analog-to-digital converters
(ADCs). Applications include audio, signal conditioning, and sensor amplification. The OPA365 family of op amps
are also well-suited for cell phone power amplifier control loops.
Special features include an excellent common-mode rejection ratio (CMRR), no input stage crossover distortion,
high input impedance, and rail-to-rail input and output swing. The input common-mode range includes both the
negative and positive supplies. The output voltage swing is within 10 mV of the rails.
The OPA365 (single version) is available in the SOT23-5 package. The OPA2365 (dual version) is available in
the SO-8 package. All versions are specified for operation from
−40°C to 125°C. Single and dual versions have
identical specifications for maximum design flexibility.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA365-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
More results

Similar Description - OPA365-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA365 TI1-OPA365 Datasheet
692Kb / 24P
[Old version datasheet]   50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
logo
SG Micro Corp
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com