Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA365-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA365-Q1
Description  50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA365-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA365-Q1_15 Datasheet HTML 3Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 4Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 5Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 6Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 7Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 8Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 9Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 10Page - Texas Instruments OPA365-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
INPUT VOLTAGE NOISE SPECTRAL DENSITY
1k
100
10
1
10k
1k
100
10
Frequency (Hz)
100k
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
0.01
0.001
0.0001
10k
1k
100
10
Frequency (Hz)
20k
G = 10, RL = 600Ω
VO = 1VRMS
VO = 1VRMS
VO = 1.448VRMS
G = +1, RL = 600Ω
SMALL−SIGNAL STEP RESPONSE
Time (50ns/div)
G = 1
R
L = 10kΩ
V
S = ± 2.5
OVERSHOOT vs CAPACITIVE LOAD
60
50
40
30
20
10
0
0
Capacitive Load (pF)
1k
100
G = +1
G = −1
G = +10
G = −10
LARGE−SIGNAL STEP RESPONSE
Time (250ns/div)
G = 1
R
L = 10kΩ
V
S = ± 2.5
SMALL−SIGNAL STEP RESPONSE
Time (50ns/div)
G = 1
R
L = 600Ω
V
S = ± 2.5
OPA365-Q1
OPA2365-Q1
www.ti.com
SBOS512C – MARCH 2010 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS (continued)
TA = +25°C, VS = +5V, CL = 0pF (unless otherwise noted)
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA365-Q1


Similar Part No. - OPA365-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
More results

Similar Description - OPA365-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA365 TI1-OPA365 Datasheet
692Kb / 24P
[Old version datasheet]   50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
logo
SG Micro Corp
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com