Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA354-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA354-Q1
Description  OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA354-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  OPA354-Q1_15 Datasheet HTML 1Page - Texas Instruments OPA354-Q1_15 Datasheet HTML 2Page - Texas Instruments OPA354-Q1_15 Datasheet HTML 3Page - Texas Instruments OPA354-Q1_15 Datasheet HTML 4Page - Texas Instruments OPA354-Q1_15 Datasheet HTML 5Page - Texas Instruments OPA354-Q1_15 Datasheet HTML 6Page - Texas Instruments OPA354-Q1_15 Datasheet HTML 7Page - Texas Instruments OPA354-Q1_15 Datasheet HTML 8Page - Texas Instruments OPA354-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
OPA354-Q1, OPA2354-Q1, OPA4354-Q1
www.ti.com
SBOS492B – JUNE 2009 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
VS = 2.5 V to 5.5 V, RF (feedback resistor) = 0 Ω, RL (load resistor) = 1 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
±2
±8
VOS
Input offset voltage
VS = 5 V, VCM = (V–) + 0.8 V
mV
Full range
±10
Offset voltage drift over
ΔVOS / ΔT
Full range
±4
μV/°C
temperature
25°C
±200
±800
Offset voltage drift vs power
VS = 2.7 V to 5.5 V,
PSRR
μV/V
supply
VCM = VS / 2 – 0.15 V
Full range
±900
IB
Input bias current
25°C
3
±50
pA
IOS
Input offset current
25°C
±1
±50
pA
Vn
Input voltage noise density
f = 1 MHz
25°C
6.5
nV/
√Hz
In
Input current noise density
f = 1 MHz
25°C
50
fA/
√Hz
Input common-mode voltage
VCM
25°C
(V–) – 0.1
(V+) + 0.1
V
range
25°C
66
80
VS = 5.5 V, –0.1 V < VCM < 3.5 V
Full range
64
Input common-mode rejection
CMRR
dB
ratio
25°C
56
68
VS = 5.5 V, –0.1 V < VCM < 5.6 V
Full range
55
ZID
Differential input impedance
25°C
Ω || pF
1013 || 2
ZICM
Common-mode input impedance
25°C
Ω || pF
1013 || 2
VS = 5 V, 0.3 V < VO < 4.7 V
25°C
94
110
AOL
Open-loop gain
dB
VS = 5 V, 0.4 V < VO < 4.6 V
Full range
90
G = 1, VO = 100 mVp-p, RF = 25 Ω
250
f–3dB
Small-signal bandwidth
25°C
MHz
G = 2, VO = 100 mVp-p
90
GBW
Gain-bandwidth product
G = 10
25°C
100
MHz
Bandwidth for 0.1-dB gain
f0.1dB
G = 2, VO = 100 mVp-p
25°C
40
MHz
flatness
VS = 5 V, G = 1, 4-V step
25°C
150
SR
Slew rate
VS = 5 V, G = 1, 2-V step
130
V/
μs
VS = 3 V, G = 1, 2-V step
110
G = 1, VO = 200 mVp-p, 10% to 90%
2
trf
Rise-and-fall time
25°C
ns
G = 1, VO = 2 Vp-p, 10% to 90%
11
0.1%
30
tsettle
Settling time
VS = 5 V, G = +1, 2-V output step
25°C
ns
0.01%
60
Overload recovery time
VIN × Gain = VS
25°C
5
ns
Second-order harmonic
G = 1, f = 1 MHz, VO = 2 Vp-p,
25°C
–75
dBc
distortion
RL = 200 Ω, VCM = 1.5 V
G = 1, f = 1 MHz, VO = 2 Vp-p,
Third-order harmonic distortion
25°C
–83
dBc
RL = 200 Ω, VCM = 1.5 V
Differential gain error
NTSC, RL = 150 Ω
25°C
0.02%
Differential phase error
NTSC, RL = 150 Ω
25°C
0.09
°
(1)
Full range TA = –40°C to 125°C
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA354-Q1 OPA2354-Q1 OPA4354-Q1


Similar Part No. - OPA354-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA354-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com