Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA333QDBVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA333QDBVRQ1
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333QDBVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA333QDBVRQ1 Datasheet HTML 6Page - Texas Instruments OPA333QDBVRQ1 Datasheet HTML 7Page - Texas Instruments OPA333QDBVRQ1 Datasheet HTML 8Page - Texas Instruments OPA333QDBVRQ1 Datasheet HTML 9Page - Texas Instruments OPA333QDBVRQ1 Datasheet HTML 10Page - Texas Instruments OPA333QDBVRQ1 Datasheet HTML 11Page - Texas Instruments OPA333QDBVRQ1 Datasheet HTML 12Page - Texas Instruments OPA333QDBVRQ1 Datasheet HTML 13Page - Texas Instruments OPA333QDBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
+
+
+
− −
4.096V
0.1
µF
+5V
Zero Adj.
K−Type
Thermocouple
40.7
µV/_C
R
2
549
R
9
150k
R
5
31.6k
R
1
6.04k
R
6
200
+5V
0.1
µF
R
2
2.94k
V
O
R
3
60.4
R
4
6.04k
O PA333A
D1
REF3140
R
1
V
EX
V
OUT
V
REF
R
1
OPA333A
R
R
R R
+5V
OPA333-Q1
SBOS522 – JUNE 2010
www.ti.com
Figure 3. Temperature Measurement
Figure 4 shows the basic configuration for a bridge amplifier.
Figure 4. Single Op-Amp Bridge Amplifier
A low-side current shunt monitor is shown in Figure 5. RN are operational resistors used to isolate the ADS1100
from the noise of the digital I2C bus. Since the ADS1100 is a 16-bit converter, a precise reference is essential for
maximum accuracy. If absolute accuracy is not required, and the 5-V power supply is sufficiently stable, the
REF3130 may be omitted.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA333-Q1


Similar Part No. - OPA333QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333QDBVRQ1 TI1-OPA333QDBVRQ1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results

Similar Description - OPA333QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com