Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8587A-33CDD Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX8587A-33CDD
Description  3A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8587A-33CDD Datasheet(HTML) 7 Page - Microsemi Corporation

  LX8587A-33CDD Datasheet HTML 1Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 2Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 3Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 4Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 5Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 6Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 7Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3A L OW D ROPOUT P OSITIVE R EGULATORS
LX8587-xx/8587A-xx
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1998
Rev. 1.2
3/98
P RODUCTION D AT A S HEET
APPLICA TION NOTES
Example
Given: V
IN = 5V
V
OUT = 2.8V, IOUT = 5.0A
Ambient Temp., T
A = 50°C
Rθ
JT = 2.7°C/W for TO-220
300 ft/min airflow available
Find: Proper Heat Sink to keep IC's junction
temperature below 125°C.**
Solution: The junction temperature is:
T
J = PD (R
θJT + RθCS + RθSA) + TA
where: P
D
Dissipated power.
Rθ
JT
≡ Thermal resistance from the junction to the
mounting tab of the package.
Rθ
CS ≡ Thermal resistance through the interface
between the IC and the surface on which
it is mounted. (1.0°C/W at 6 in-lbs
mounting screw torque.)
Rθ
SA ≡ Thermal resistance from the mounting surface
to ambient (thermal resistance of the heat sink).
T
S
≡ Heat sink temperature.
First, find the maximum allowable thermal resistance of the
heat sink:
Rθ
SA =
- (Rθ
JT + R
θCS)
P
D
=(V
IN(MAX) - VOUT) I OUT
=
(5.0V-2.8V) *
5.0A
= 11.0W
Rθ
SA =
- (2.7°C/W + 1.0°C/W)
= 3.1°C/W
Next, select a suitable heat sink. The selected heat sink must have
Rθ
SA≤ 3.1°C/W. Thermalloy heatsink 6296B has R
θSA = 3.0°C/W with
300ft/min air flow.
Finally, verify that junction temperature remains within speci-
fication using the selected heat sink:
T
J = 11W (2.7°C/W + 1.0°C/W + 3.0°C/W) + 50°C = 124°C
T
J
T
C
T
S
T
A
Rq JT
Rq CS
Rq SA
T
J - TA
P
D
125°C - 50°C
(5.0V-2.8V) * 5.0A
** Although the device can operate up to 150°C junction, it is recom-
mended for long term reliability to keep the junction temperature
below 125°C whenever possible.
LOAD REGULATION (continued)
Even when the circuit is optimally configured, parasitic resistance
can be a significant source of error. A 100 mil wide PC trace built
from 1 oz. copper-clad circuit board material has a parasitic
resistance of about 5 milliohms per inch of its length at room
temperature. If a 3-terminal regulator used to supply 2.50 volts is
connected by 2 inches of this trace to a load which draws 5 amps
of current, a 50 millivolt drop will appear between the regulator and
the load. Even when the regulator output voltage is precisely
2.50 volts, the load will only see 2.45 volts, which is a 2% error. It
is important to keep the connection between the regulator output
pin and the load as short as possible, and to use wide traces or
heavy-gauge wire.
The minimum specified output capacitance for the regulator
should be located near the reglator package. If several capacitors
are used in parallel to construct the power system output capaci-
tance, any capacitors beyond the minimum needed to meet the
specified requirements of the regulator should be located near the
sections of the load that require rapidly-changing amounts of
current. Placing capacitors near the sources of load transients will
help ensure that power system transient response is not impaired
by the effects of trace impedance.
To maintain good load regulation, wide traces should be used on
the input side of the regulator, especially between the input
capacitors and the regulator. Input capacitor ESR must be small
enough that the voltage at the input pin does not drop below V
IN (MIN)
during transients.
V
IN (MIN) = VOUT + VDROPOUT (MAX)
where: V
IN (MIN)
the lowest allowable instantaneous
voltage at the input pin.
V
OUT
the designed output voltage for the
power supply system.
V
DROPOUT (MAX) the specified dropout voltage
for the installed regulator.
THERMAL CONSIDERATIONS
The LX8587/87A regulators have internal power and thermal
limiting circuitry designed to protect each device under overload
conditions.
For continuous normal load conditions, however,
maximum junction temperature ratings must not be exceeded. It is
important to give careful consideration to all sources of thermal
resistance from junction to ambient. This includes junction to case,
case to heat sink interface, and heat sink thermal resistance itself.
Junction-to-case thermal resistance is specified from the IC
junction to the back surface of the case directly opposite the die.
This is the lowest resistance path for heat flow. Proper mounting
is required to ensure the best possible thermal flow from this area
of the package to the heat sink. Thermal compound at the case-to-
heat-sink interface is strongly recommended. If the case of the
device must be electrically isolated, a thermally conductive spacer
can be used, as long as its added contribution to thermal resistance
is considered. Note that the case of all devices in this series is
electrically connected to the output.


Similar Part No. - LX8587A-33CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587A-XXCDD MICROSEMI-LX8587A-XXCDD Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDD MICROSEMI-LX8587A-XXCDD Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDD-TR MICROSEMI-LX8587A-XXCDD-TR Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDT MICROSEMI-LX8587A-XXCDT Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDT MICROSEMI-LX8587A-XXCDT Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8587A-33CDD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com