Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8383 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8383
Description  7.5 A LOW DROPOUT POSITIVE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8383 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8383 Datasheet HTML 1Page - Microsemi Corporation LX8383 Datasheet HTML 2Page - Microsemi Corporation LX8383 Datasheet HTML 3Page - Microsemi Corporation LX8383 Datasheet HTML 4Page - Microsemi Corporation LX8383 Datasheet HTML 5Page - Microsemi Corporation LX8383 Datasheet HTML 6Page - Microsemi Corporation LX8383 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
7.5A L OW D ROPOUT P OSITIVE R EGULATORS
LX8383-xx/8383A-xx/8383B-xx
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1996
Rev. 1.0
12/96
P RODUCTION D AT A S HEET
Reference Voltage
LX8383/83A-00
V
REF
I
OUT = 10mA,
T
A = 25°C
(Note 4)
10mA
≤ I
OUT ≤ IOUT (MAX), 1.5V ≤ (VIN - VOUT), VIN ≤ 10V, P ≤ PMAX
LX8383B-00
I
OUT = 10mA,
T
A = 25°C
10mA
≤ I
OUT ≤ IOUT (MAX), 1.5V ≤ (VIN - VOUT), VIN ≤ 10V, P ≤ PMAX
Line Regulation (Note 2)
∆V
REF
1.5V
≤ (V
IN - VOUT ), VIN ≤ 7V
(V
IN )
1.5V
≤ (V
IN - VOUT ), VIN ≤ 10V
Load Regulation (Note 2)
∆V
REF
V
OUT ≥ V REF, VIN - VOUT = 3V, 10mA ≤ IOUT ≤ 7.5A, T A = 25°C
(I
OUT)
V
IN - V OUT = 3V, 10mA ≤ IOUT ≤ 7.5A
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
V
OUT =
5V, f =120Hz, C
OUT = 100µf
Tantalum, V
IN = 6.5V
C
ADJ = 10µF, I OUT = 7.5A
Adjust Pin Current
I
ADJ
Adjust Pin Current Change (Note 4)
∆ I
ADJ
10mA
≤ I
OUT ≤ IOUT (MAX) , 1.5V ≤ (VIN - VOUT), VIN ≤ 10V
Dropout Voltage
LX8383-00
∆V
∆V
REF = 1%, IOUT = 7.5A
LX8383A/83B-00
∆V
REF = 1%, IOUT = 7.5A
Minimum Load Current
I
OUT (MIN)
V
IN ≤ 10V
Maximum Output Current
I
OUT (MAX)
(V
IN - VOUT) ≤ 7V
Temperature Stability (Note 3)
∆V
OUT (T)
Long Term Stability (Note 3)
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT) (Note 3)
V
OUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for the LX8383-xxC/8383A-xxC/8383B-xxC with 0°C
T
A ≤ 125°C, the LX8383-xxI/8383A-xxI with -25°C ≤ TA ≤ 125°C; VIN - VOUT = 3V; IOUT = 7.5A.
Low duty cycle pulse testing techniques are used which
maintains junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
LX8383/83A/83B-00
Min.
Typ.
Max.
1.238
1.250
1.262
V
1.225
1.250
1.270
V
1.240
1.250
1.260
V
1.238
1.250
1.262
V
0.015
0.2
%
0.035
0.3
%
0.15
0.4
%
0.3
0.5
%
0.01
0.02
%/W
65
83
dB
55
100
µA
0.2
5
µA
1.2
1.5
V
1
1.3
V
210
mA
7.5
9.5
A
0.25
%
0.3
1
%
0.003
%
Note 2. Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
Note 3. These parameters, although guaranteed, are not tested in production.
Note 4. See Maximum Output Current Section above.
Parameter
Symbol
Test Conditions
Units
LX8383/83A/83B-33
Min.
Typ.
Max.
Output Voltage
LX8383/83A-33
V
OUT
V
IN = 5V, IOUT = 0mA, TA = 25°C
(Note 4)
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 7.5A, P ≤ PMAX
LX8383B-33
V
IN = 5V, IOUT = 0mA, TA = 25°C
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 7.5A, P ≤ PMAX
Line Regulation (Note 2)
∆V
OUT
4.75V
≤ V
IN ≤ 7V
(V
IN )
4.75V
≤ V
IN ≤ 10V
Load Regulation (Note 2)
∆V
OUT (IOUT)
V
IN = 5V, 0mA ≤ IOUT ≤ IOUT (MAX)
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
C
OUT = 100µF (Tantalum), IOUT = 7.5A
Quiescent Current
I
Q
0mA
≤ I
OUT ≤ IOUT (MAX) , 4.75V ≤ VIN ≤ 10V
Dropout Voltage
LX8383-33
∆V
∆V
OUT = 1%, IOUT ≤ IOUT (MAX) , VIN ≤ 7V
LX8383A/83B-33
∆V
OUT = 1%, IOUT ≤ IOUT (MAX) , VIN ≤ 7V
Maximum Output Current
I
OUT (MAX)
V
IN ≤ 7V
Temperature Stability (Note 3)
∆V
OUT (T)
Long Term Stability (Note 3)
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT) (Note 3)
V
OUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
3.267
3.3
3.333
V
3.235
3.3
3.365
V
3.274
3.3
3.326
V
3.267
3.3
3.333
V
16
mV
210
mV
515
mV
0.01
0.02
% / W
60
83
dB
410
mA
1.5
V
1.3
V
7.5
9.5
A
0.25
1
%
0.3
%
0.003
%
LX8383-00/83A-00/83B-00 (Adjustable)
LX8383-33/83A-33/83B-33 (3.3V Fixed)


Similar Part No. - LX8383

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8382-00 MICROSEMI-LX8382-00 Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
LX8382-00CP MICROSEMI-LX8382-00CP Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
LX8382-00CV MICROSEMI-LX8382-00CV Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
LX8382-33 MICROSEMI-LX8382-33 Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
LX8382-33CP MICROSEMI-LX8382-33CP Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
More results

Similar Description - LX8383

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Seme LAB
LM1083HN SEME-LAB-LM1083HN Datasheet
35Kb / 2P
   7.5 AMP LOW DROPOUT POSITIVE
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com