Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8584A-00CV Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX8584A-00CV
Description  7 A LOW DROPOUT POSITIVE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8584A-00CV Datasheet(HTML) 6 Page - Microsemi Corporation

  LX8584A-00CV Datasheet HTML 1Page - Microsemi Corporation LX8584A-00CV Datasheet HTML 2Page - Microsemi Corporation LX8584A-00CV Datasheet HTML 3Page - Microsemi Corporation LX8584A-00CV Datasheet HTML 4Page - Microsemi Corporation LX8584A-00CV Datasheet HTML 5Page - Microsemi Corporation LX8584A-00CV Datasheet HTML 6Page - Microsemi Corporation LX8584A-00CV Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
7A L OW D ROPOUT P OSITIVE R EGULATORS
LX8584-xx/8584A-xx/8584B-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 1.2
4/97
6
P RODUCTION D ATA S HEET
APPLICA TION NOTES
Example
Given: V
IN = 5V
V
OUT = 2.8V, IOUT = 5.0A
Ambient Temp., T
A = 50°C
Rθ
JT = 2.7°C/W for TO-220
300 ft/min airflow available
Find: Proper Heat Sink to keep IC's junction
temperature below 125°C.**
Solution: The junction temperature is:
T
J = PD (R
θJT + RθCS + RθSA) + TA
where: P
D
Dissipated power.
Rθ
JT
≡ Thermal resistance from the junction to the
mounting tab of the package.
Rθ
CS ≡ Thermal resistance through the interface
between the IC and the surface on which
it is mounted. (1.0°C/W at 6 in-lbs
mounting screw torque.)
Rθ
SA ≡ Thermal resistance from the mounting surface
to ambient (thermal resistance of the heat sink).
T
S
≡ Heat sink temperature.
First, find the maximum allowable thermal resistance of the
heat sink:
Rθ
SA =
- (Rθ
JT + R
θCS)
P
D
=(V
IN(MAX) - VOUT) I OUT = (5.0V-2.8V) * 5.0A
= 11.0W
Rθ
SA =
- (2.7°C/W + 1.0°C/W)
= 3.1°C/W
Next, select a suitable heat sink. The selected heat sink must have
Rθ
SA≤ 3.1°C/W. Thermalloy heatsink 6296B has R
θSA = 3.0°C/W with
300ft/min air flow.
Finally, verify that junction temperature remains within speci-
fication using the selected heat sink:
T
J = 11W (2.7°C/W + 1.0°C/W + 3.0°C/W) + 50°C = 124°C
T
J
T
C
T
S
T
A
Rq JT
Rq CS
Rq SA
T
J - TA
P
D
125°C - 50°C
(5.0V-2.8V) * 5.0A
** Although the device can operate up to 150°C junction, it is recom-
mended for long term reliability to keep the junction temperature
below 125°C whenever possible.
LOAD REGULATION (continued)
Even when the circuit is optimally configured, parasitic resistance
can be a significant source of error. A 100 mil (2.54 mm) wide PC
trace built from 1 oz. copper-clad circuit board material has a
parasitic resistance of about 5 milliohms per inch of its length at
room temperature. If a 3-terminal regulator used to supply 2.50 volts
is connected by 2 inches of this trace to a load which draws 5 amps
of current, a 50 millivolt drop will appear between the regulator and
the load. Even when the regulator output voltage is precisely
2.50 volts, the load will only see 2.45 volts, which is a 2% error. It
is important to keep the connection between the regulator output
pin and the load as short as possible, and to use wide traces or
heavy-gauge wire.
The minimum specified output capacitance for the regulator
should be located near the reglator package. If several capacitors
are used in parallel to construct the power system output capaci-
tance, any capacitors beyond the minimum needed to meet the
specified requirements of the regulator should be located near the
sections of the load that require rapidly-changing amounts of
current. Placing capacitors near the sources of load transients will
help ensure that power system transient response is not impaired
by the effects of trace impedance.
To maintain good load regulation, wide traces should be used on
the input side of the regulator, especially between the input
capacitors and the regulator. Input capacitor ESR must be small
enough that the voltage at the input pin does not drop below V
IN (MIN)
during transients.
V
IN (MIN) = VOUT + VDROPOUT (MAX)
where: V
IN (MIN)
the lowest allowable instantaneous
voltage at the input pin.
V
OUT
the designed output voltage for the
power supply system.
V
DROPOUT (MAX) the specified dropout voltage
for the installed regulator.
THERMAL CONSIDERATIONS
The LX8584/84A/84B regulators have internal power and thermal
limiting circuitry designed to protect each device under overload
conditions.
For continuous normal load conditions, however,
maximum junction temperature ratings must not be exceeded. It is
important to give careful consideration to all sources of thermal
resistance from junction to ambient. This includes junction to case,
case to heat sink interface, and heat sink thermal resistance itself.
Junction-to-case thermal resistance is specified from the IC
junction to the back surface of the case directly opposite the die.
This is the lowest resistance path for heat flow. Proper mounting
is required to ensure the best possible thermal flow from this area
of the package to the heat sink. Thermal compound at the case-to-
heat-sink interface is strongly recommended. If the case of the
device must be electrically isolated, a thermally conductive spacer
can be used, as long as its added contribution to thermal resistance
is considered. Note that the case of all devices in this series is
electrically connected to the output.


Similar Part No. - LX8584A-00CV

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8584A-12CP MICROSEMI-LX8584A-12CP Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
More results

Similar Description - LX8584A-00CV

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com