Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8587A-33 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX8587A-33
Description  3A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8587A-33 Datasheet(HTML) 8 Page - Microsemi Corporation

  LX8587A-33 Datasheet HTML 1Page - Microsemi Corporation LX8587A-33 Datasheet HTML 2Page - Microsemi Corporation LX8587A-33 Datasheet HTML 3Page - Microsemi Corporation LX8587A-33 Datasheet HTML 4Page - Microsemi Corporation LX8587A-33 Datasheet HTML 5Page - Microsemi Corporation LX8587A-33 Datasheet HTML 6Page - Microsemi Corporation LX8587A-33 Datasheet HTML 7Page - Microsemi Corporation LX8587A-33 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3A L OW D ROPOUT P OSITIVE R EGULATORS
LX8587-xx/8587A-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.2
3/98
8
P RODUCTION D ATA S HEET
TYPICAL APPLICA TIONS
LX8587/87A
OUT
IN
ADJ
150µF
V
IN
R2
365
W
1%
10µF
R1
121
W
1%
C1
10µF*
* C1 improves ripple rejection.
X
C should be »
R1 at ripple
frequency.
V
OUT
5V
(Note A)
FIGURE 5 — 1.2V - 8V Adjustable Regulator
FIGURE 4 — Improving Ripple Rejection
LX8587/87A
OUT
IN
ADJ
V
OUT**
V
IN
R1
121
W
R2
1k
C1*
10µF
* Needed if device is far from filter capacitors.
** V
OUT = 1.25V
1 +
C2
100µF
R2
R1
(Note A)
FIGURE 6 — 5V Regulator With Shutdown
(Note A)
LX8587/87A
OUT
IN
ADJ
5V
V
IN
121
W
1%
10µF
100µF
365
W
1%
1k
1k
2N3904
TTL
Output
Note A:
V
IN (MIN) = (Intended VOUT) + (VDROPOUT (MAX))
FIGURE 7 — Fixed 3.3V Output Regulator
LX8587-33/87A-33
OUT
IN
GND
3.3V
V
IN
10µF Tantalum
or 100µF Aluminum
Min. 15µF Tantalum or
100µF Aluminum capacitor.
May be increased as needed.
ESR must be less than 50m
W .
Pentium is a registered trademark of Intel Corporation.
Power PC is a trademark of International Business Machines Corporation.
PRODUCTION DATA - Information contained in this document is proprietary to Lin Finity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LX8587A-33

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587A-XXCDD MICROSEMI-LX8587A-XXCDD Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDD MICROSEMI-LX8587A-XXCDD Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDD-TR MICROSEMI-LX8587A-XXCDD-TR Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDT MICROSEMI-LX8587A-XXCDT Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDT MICROSEMI-LX8587A-XXCDT Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8587A-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com