Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8610-XX Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8610-XX
Description  1A BiCMOS Very Low Dropout Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8610-XX Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8610-XX Datasheet HTML 1Page - Microsemi Corporation LX8610-XX Datasheet HTML 2Page - Microsemi Corporation LX8610-XX Datasheet HTML 3Page - Microsemi Corporation LX8610-XX Datasheet HTML 4Page - Microsemi Corporation LX8610-XX Datasheet HTML 5Page - Microsemi Corporation LX8610-XX Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 0.6f,2000-09-15
LX8610-xx
1A BiCMOS Very Low Dropout Regulators
PRELIMINARY DATASHEET
A
M I CROSEM I
COM P A N Y

 
   
 
LX8610
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
3
5.5
V
Load Current (with adequate heatsinking)
10
1000
mA
Input Capacitor (VIN to GND)
2.2
10
µF
Output Capacitor (VOUT to GND)
10
22*
µF
* Size your output capacitor to meet the transient loading requirement. If you have a very dynamic load, a larger capacitor will improve the response to
these load steps.

 
  

Unless otherwise specified, the following specifications apply over the operating ambient temperature 0
°C
T
A
125°C except where
otherwise noted. Test conditions: VIN = VOUT + 1.5V; IOUT = 10mA; CIN = 10µF; COUT = 22µF; TJ = TA.
LX8610-xx
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
 LX8610-33 FIXED 3.3V, 1A
TJ = 25
°C
3.25
3.3
3.35
Output Voltage
VOUT
Over Temperature
3.22
3.38
V
Line Regulation
VREG
VIN = 3.45V to 5.5V
4
8
mV
Load Regulation
IREG
IOUT = 10mA to 1A
5
10
mV
IOUT = 1A, VOUT
OUT –1%
0.25
0.4
IOUT = 0.5A, VOUT
OUT – 1%
0.15
0.25
Dropout Voltage (VDO = VIN–VOUT)
VDO
IOUT = 10mA, VOUT
OUT – 1%
0.05
0.15
V
Short Circuit Current
ISC
VOUT = 0V
1.25
1.7
A
Quiescent Current
IQ
IOUT = 10mA to 1A
400
600
µA
0V < VIN < VOUT, VOUT <3.4V (at VOUT)
400
650
µA
Reverse Leakage Current
IREV
OV < VIN < VOUT, VOUT <3.4V (at VIN)
-50
0
mA
Shutdown Threshold *
VSD
0.8
VIN / 2
V
Shutdown Current *
ISD
ENABLE < 0.8V
10
25
µA

LX8610-25 FIXED 2.5V, 1A
TJ = 25
°C
2.46
2.5
2.54
Output Voltage
VOUT
Over Temperature
2.44
2.5
2.56
V
Line Regulation
VREG
VIN = 3.1V to 5.5V, IOUT = -10mA
3
6
mV
Load Regulation
IREG
IOUT = 10mA to 1A
5
10
mV
IOUT = 1A, VOUT
OUT –1%
0.25
0.4
IOUT = 0.5A, VOUT
OUT – 1%
0.15
.025
Dropout Voltage (VDO = VIN–VOUT)
VDO
IOUT = 10mA, VOUT
OUT – 1%
0.05
0.1
V
Short Circuit Current
ISC
VOUT = 0V
1.25
1.7
A
Quiescent Current
IQ
IOUT = 10mA to 1A
300
600
µA
0V < VIN < VOUT, VOUT < 2.6V (at VOUT)
400
650
µA
Reverse Leakage Current
IREV
0V < VIN < VOUT, VOUT <2.6V (at VIN)
-50
0
mA
Shutdown Threshold
VSD
0.8
VIN / 2
V
Shutdown Current
ISD
ENABLE < 0.8V
10
25
µA


Similar Part No. - LX8610-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8630-00CDD MICROSEMI-LX8630-00CDD Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
LX8630-00CP MICROSEMI-LX8630-00CP Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
LX8630-25CDD MICROSEMI-LX8630-25CDD Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
LX8630-25CP MICROSEMI-LX8630-25CP Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
LX8630-33CDD MICROSEMI-LX8630-33CDD Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
More results

Similar Description - LX8610-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8630-XX MICROSEMI-LX8630-XX Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1209 A-POWER-APU1209_14 Datasheet
170Kb / 10P
   1A VERY LOW DROPOUT POSITIVE
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com