Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8383B-33CP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8383B-33CP
Description  7.5 A LOW DROPOUT POSITIVE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8383B-33CP Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8383B-33CP Datasheet HTML 1Page - Microsemi Corporation LX8383B-33CP Datasheet HTML 2Page - Microsemi Corporation LX8383B-33CP Datasheet HTML 3Page - Microsemi Corporation LX8383B-33CP Datasheet HTML 4Page - Microsemi Corporation LX8383B-33CP Datasheet HTML 5Page - Microsemi Corporation LX8383B-33CP Datasheet HTML 6Page - Microsemi Corporation LX8383B-33CP Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DESCRIPTION
KEY FEA TURES
s THREE-TERMINAL ADJUSTABLE OR FIXED
OUTPUT VOLTAGE
s GUARANTEED < 1.3V HEADROOM AT
7.5A (LX8383A/8383B)
s GUARANTEED < 1.5V HEADROOM AT
7.5A (LX8383)
s OUTPUT CURRENT OF 7.5A MINIMUM
p 0.015% LINE REGULATION
p 0.15% LOAD REGULATION
s EVALUATION BOARD AVAILABLE:
REQUEST LXE9001 EVALUATION KIT
The LX8383/8383A/8383B series ICs are
positive regulators designed to provide
7.5A output current. All internal circuitry
is designed to operate down to a 1V in-
put-to-output differential, so the LX8383/
83A/83B can operate with greater effi-
ciency than previously available devices.
The dropout voltage for each product is
fully specified as a function of load cur-
rent. Dropout is guaranteed at a maxi-
mum of 1.3V for the LX8383A/83B and
1.5V for the LX8383, at maximum output
current, decreasing at lower load currents.
Fixed versions are also available and speci-
fied in the Available Options table below.
The LX8383B offers a tighter voltage ref-
erence tolerance: 0.8% initial accuracy and
1% over line, load and temperature. The
LX8383/83A have 1% initial accuracy and
2% over line, load and temperature.
The LX8383/83A/83B series devices are
pin-compatible with earlier 3-terminal
regulators, such as the 117 series prod-
ucts. While a 10µF output capacitor is
required on both input and output of these
new devices, this capacitor is generally
included in most regulator designs.
The LX8383/83A/83B series quiescent
current flows into the load, thereby
increasing efficiency.
This feature
contrasts with PNP regulators, where up
to 10% of the output current is wasted as
quiescent current. The LX8383I/8383AI is
specified over the industrial temperature
range of -25°C to +125°C and the
LX8383C/8383AC/8383BC is specified
over the commercial range of 0°C to
+125°C.
7.5A L OW D ROPOUT P OSITIVE R EGULATORS
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
Copyright © 1996
Rev. 1.0
12/96
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841
LX8383-xx/8383A-xx/8383B-xx
LIN D OC #: 8383
1
APPLICA TIONS
s PENTIUM® PROCESSOR APPLICATIONS
s HIGH EFFICIENCY LINEAR REGULATORS
s POST REGULATORS FOR SWITCHING
POWER SUPPLIES
s BATTERY CHARGERS
s CONSTANT CURRENT REGULATORS
s CYRIX® 6x86TM
s AMD-K5TM
P ACKAGE ORDER INFORMA TION
T
A (°C)
Plastic TO-220
3-pin
P
Plastic TO-247
3-terminal
V
1.5V
LX8383-xxCP
LX8383-xxCV
0 to 125
1.3V
LX8383A-xxCP
LX8383A-xxCV
1.3V
LX8383B-xxCP
LX8383B-xxCV
-25 to 125
1.5V
LX8383-xxIP
LX8383-xxIV
1.3V
LX8383A-xxIP
LX8383A-xxIV
Application of the LX8383A for the standard voltage (non VRE) Pentium Processor motherboard
with less than 130mV dynamic response to a 7.5A load transient.
PRODUCT HIGHLIGHT
LX8383A
205
1%
1%
3.38V at 7.5A
V
IN ≥ 4.75V
OUT
IN
ADJ
1500µF
6.3V
6MV1500GX
from Sanyo
2x 330µF, 6.3V
Oscon SA type
from Sanyo
-or-
3x 1500µF, 6.3V
6MV1500GX
from Sanyo
121
3.3V, 7.5A REGULATOR
Dropout
Voltage
FOR FUR THER INFORMA TION CALL (714) 898-8121
LX8383/83A/83B-00
Adjustable
LX8383/83A/83B-33
3.3V
Part #
Output
Voltage
AVAILABLE O PTIONS PER PAR T #
Other voltage options may be available —
Please contact factory for details.
"xx" refers to output voltage, please see table above.


Similar Part No. - LX8383B-33CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8382-00 MICROSEMI-LX8382-00 Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
LX8382-00CP MICROSEMI-LX8382-00CP Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
LX8382-00CV MICROSEMI-LX8382-00CV Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
LX8382-33 MICROSEMI-LX8382-33 Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
LX8382-33CP MICROSEMI-LX8382-33CP Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
More results

Similar Description - LX8383B-33CP

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Seme LAB
LM1083HN SEME-LAB-LM1083HN Datasheet
35Kb / 2P
   7.5 AMP LOW DROPOUT POSITIVE
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com