Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8384A-33 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX8384A-33
Description  5A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8384A-33 Datasheet(HTML) 8 Page - Microsemi Corporation

  LX8384A-33 Datasheet HTML 1Page - Microsemi Corporation LX8384A-33 Datasheet HTML 2Page - Microsemi Corporation LX8384A-33 Datasheet HTML 3Page - Microsemi Corporation LX8384A-33 Datasheet HTML 4Page - Microsemi Corporation LX8384A-33 Datasheet HTML 5Page - Microsemi Corporation LX8384A-33 Datasheet HTML 6Page - Microsemi Corporation LX8384A-33 Datasheet HTML 7Page - Microsemi Corporation LX8384A-33 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
5A L OW D ROPOUT P OSITIVE R EGULATORS
LX8384-xx/8384A-xx/8384B-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 1.9
12/97
8
P RODUCTION D ATA
S HEET
TYPICAL APPLICA TIONS
LX8384/84A/84B
OUT
IN
ADJ
150µF
V
IN
R2
365
1%
10µF
R1
121
1%
C1
10µF*
* C1 improves ripple rejection.
X
C should be ≈ R1 at ripple
frequency.
V
OUT
5V
(Note A)
FIGURE 5 — 1.2V - 8V ADJUSTABLE REGULATOR
FIGURE 4 — IMPROVING RIPPLE REJECTION
LX8384/84A/84B
OUT
IN
ADJ
V
OUT**
V
IN
R1
121
R2
1k
C1*
10µF
* Needed if device is far from filter capacitors.
** V
OUT = 1.25V
1 +
C2
100µF
R2
R1
(Note A)
FIGURE 6 — 5V REGULATOR WITH SHUTDOWN
LX8384/84A/84B
OUT
IN
ADJ
5V
V
IN
121
1%
10µF
100µF
365
1%
1k
1k
2N3904
TTL
Output
(Note A)
Note A:
V
IN (MIN) = (Intended VOUT) + (VDROPOUT (MAX))
Pentium is a registered trademark of Intel Corporation.
Cyrix is a registered trademark and 6x86 is a trademark of Cyrix Corporation. K5 is a trademark of AMD.
FIGURE 7 — FIXED 3.3V OUTPUT REGULATOR
3.3V
V
IN
10µF Tantalum
or 100µF Aluminum
Min. 15µF Tantalum or
100µF Aluminum capacitor.
May be increased without
limit. ESR must be less
than 50m
Ω.
LX8384/84A/84B-33
OUT
IN
GND
PRODUCTION DATA - Information contained in this document is proprietary to Linfinity, and is current as of publication date. This document
may not be modified in any way without the express written consent of Linfinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LX8384A-33

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384A-XXCDD MICROSEMI-LX8384A-XXCDD Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384A-XXCDD MICROSEMI-LX8384A-XXCDD Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384A-XXCDD-TR MICROSEMI-LX8384A-XXCDD-TR Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384A-XXCDT MICROSEMI-LX8384A-XXCDT Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384A-XXCDT MICROSEMI-LX8384A-XXCDT Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
More results

Similar Description - LX8384A-33

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com