Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F0G08AUJA-ZH Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC87F0G08AUJA-ZH
Description  8-bit 1-chip Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0G08AUJA-ZH Datasheet(HTML) 2 Page - ON Semiconductor

  LC87F0G08AUJA-ZH Datasheet HTML 1Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 2Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 3Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 4Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 5Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 6Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 7Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 8Page - ON Semiconductor LC87F0G08AUJA-ZH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LC87F0G08A
No.A2304-2/31
Function Details
Flash ROM
Capable of on-board programming with a wide range of supply voltages : 2.2 to 5.5V
Block-erasable in 128 byte units
Writes data in 2-byte units
8192 × 8 bits
RAM
256 × 9 bits
Bus Cycle Time
83.3ns ( 12MHz, VDD=2.7V to 5.5V, Ta=40C to 85C)
125ns ( 8MHz, VDD=2.0V to 5.5V, Ta=40C to 85C)
250ns ( 4MHz, VDD=1.8V to 5.5V, Ta=40C to 85C)
Note : The bus cycle time here refers to the ROM read speed.
Minimum Instruction Cycle Time (tCYC)
250ns (12MHz, VDD=2.7V to 5.5V, Ta=40C to 85C)
375ns ( 8MHz, VDD=2.0V to 5.5V, Ta=40C to 85C)
750ns ( 4MHz, VDD=1,8V to 5.5V, Ta=40C to 85C)
Potrs
 Normal withstand voltage I/O ports whose I/O direction can be designated in 1-bit units
18(P0n, P1n, P70, CF1, CF2)
 Reset pins
1(RES)
 Power supply pins
3(VSS1, VSS2,VDD1)
 Reference voltage outputs
1(VREF)
 Dedicated debugger port
1(OWP0)
Timers
Timer 0 : 16-bit timer/counter with 2 capture registers.
Mode 0 : 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers)
 2 channels
Mode 1 : 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers)
+ 8-bit counter (with two 8-bit capture registers)
Mode 2 : 16-bit timer with an 8-bit programmable prescaler (with two 16-bit capture registers)
Mode 3 : 16-bit counter (with two 16-bit capture registers)
Timer 1 : 16-bit timer/counter that supports PWM/toggle outputs
Mode 0 : 8-bit timer with an 8-bit prescaler (with toggle outputs) + 8-bit timer/
counter with an 8-bit prescaler (with toggle outputs)
Mode 1 : 8-bit PWM with an 8-bit prescaler
 2 channels
Mode 2 : 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also possible from lower-order 8 bits)
Mode 3 : 16-bit timer with an 8-bit prescaler (with toggle outputs)
(lower-order 8 bits may be used as a PWM output)
Base timer
(1) The clock is selectable from the subclock (32.768kHz crystal oscillation), the low speed RC, system clock, and
timer 0 prescaler output.
(2) with an 8-bit programmable prescaler
(3) Interrupts programmable in 5 different time schemes


Similar Part No. - LC87F0G08AUJA-ZH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F0G08AUJA-ZH ONSEMI-LC87F0G08AUJA-ZH Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
More results

Similar Description - LC87F0G08AUJA-ZH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com