Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENN8223A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENN8223A
Description  Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENN8223A Datasheet(HTML) 2 Page - ON Semiconductor

  ENN8223A Datasheet HTML 1Page - ON Semiconductor ENN8223A Datasheet HTML 2Page - ON Semiconductor ENN8223A Datasheet HTML 3Page - ON Semiconductor ENN8223A Datasheet HTML 4Page - ON Semiconductor ENN8223A Datasheet HTML 5Page - ON Semiconductor ENN8223A Datasheet HTML 6Page - ON Semiconductor ENN8223A Datasheet HTML 7Page - ON Semiconductor ENN8223A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CPH5541
No.8223-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)30V, IE=0A
(--)100
nA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)100
nA
DC Current Gain
hFE
VCE=(--)2V, IC=(--10)50mA
(200)300
(500)800
Gain-Bandwidth Product
fT
VCE=(--)2V, IC=(--)50mA
(520)540
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(4.7)3.3
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)200mA, IB=(--)10mA
(--110)85
(--220)190
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)200mA, IB=(--)10mA
(--)0.9
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--30)40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)5
V
Turn-On Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
(125)255
ns
Fall Time
tf
(25)40
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
CPH5541-TL-E
CPH5
3,000pcs./reel
Pb Free
VR
RB
VCC=12V
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
RL
220μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
20IB1= --20IB2=IC=300mA
For PNP, minus sign is omitted.


Similar Part No. - ENN8223A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENN8235 SANYO-ENN8235 Datasheet
51Kb / 6P
   General-Purpose Switching Device Applications
More results

Similar Description - ENN8223A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com