Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F1K64AUWA-2H Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC87F1K64AUWA-2H
Description  8-bit Microcontroller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1K64AUWA-2H Datasheet(HTML) 1 Page - ON Semiconductor

  LC87F1K64AUWA-2H Datasheet HTML 1Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 2Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 3Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 4Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 5Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 6Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 7Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 8Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
71713HKPC 20111124-S00003 No.A2197-1/35
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
ver.1.02
LC87F1K64A
Overview
The LC87F1K64A is an 8-bit microcontroller that, integrates on a single chip a number of hardware features such as
64K-byte flash ROM, 8192-byte RAM, an on-chip debugger, a sophisticated 16-bit timer/counter (may be divided into
8-bit timers), a 16-bit timer (may be divided into 8-bit timers or PWMs), four 8-bit timers with a prescaler, a base timer
serving as a time-of-day clock, two channels of synchronous SIO interface with automatic data transfer capabilities, an
asynchronous/synchronous SIO interface, a single-master I2C/synchronous SIO interface, a UART interface (full
duplex), a full/low-speed USB interface (host control function) × 2 ports, a 12-bit 12-channel AD converter, two
channels of 12-bit PWM, a system clock frequency divider, an infrared remote control receiver circuit, an internal reset
circuit, and a 44-source 10-vector interrupt feature.
Features
Flash ROM
• 65536×8 bits
• Capable of on-board programming with a wide range of
supply voltage from 3.0 to 5.5V
• Block-erasable in 128-byte units
• Data written in 2-byte units
RAM
• 8192×9 bits
Package Form
• SQFP48 (7×7): Lead-/halogen-free product
Bus Cycle Time
• 83.3ns (when CF=12MHz)
Note: The bus cycle time here refers to the ROM read
speed.
Minimum Instruction Cycle Time (tCYC)
• 250ns (when CF=12MHz)
CMOS IC
8-bit Microcontroller
with USB-host Controller
64K-byte Flash ROM / 8K-byte RAM / 48-pin
Ordering number : ENA2197
SQFP48(7X7)
SQFP48(7X7)
7.0
9.0
0.15
0.18
0.5
(0.75)
112
13
24
25
36
37
48
ORDERING INFORMATION
See detailed ordering and shipping information on page 35 of this data sheet.
* This product is licensed from Silicon Storage Technology, Inc. (USA).


Similar Part No. - LC87F1K64AUWA-2H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F1K64AUWA-2H ONSEMI-LC87F1K64AUWA-2H Datasheet
327Kb / 35P
   8-bit Microcontroller with USB-host Controller
July, 2013 ver.1.02
More results

Similar Description - LC87F1K64AUWA-2H

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com