Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F0A08AUEB-NH Datasheet(PDF) 10 Page - ON Semiconductor

Part # LC87F0A08AUEB-NH
Description  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0A08AUEB-NH Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC87F0A08AUEB-NH Datasheet HTML 6Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 7Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 8Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 9Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 10Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 11Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 12Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 13Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LC87F0A08A
No.A1535-10/24
Absolute Maximum Ratings at Ta = 25
C, VSS1 = VSS2 =0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1=VDD2
-0.3
+6.5
V
Input voltage
VI
CF1, CF2
-0.3
VDD+0.3
Input/output
voltage
VIO
Ports 0, 1, 2
Ports 3, 7
-0.3
VDD+0.3
Peak output
current
IOPH(1)
Ports 0, 3
CMOS output type selected
Per 1 applicable pin
-10
mA
IOPH(2)
Ports 1, 2
CMOS output type selected
Per 1 applicable pin
-20
Average
output current
(Note 1-1)
IOMH(1)
Ports 0, 3
CMOS output type selected
Per 1 applicable pin
-7.5
IOMH(2)
Ports 1, 2
CMOS output type selected
Per 1 applicable pin
-15
Total output
current
IOAH(1)
Ports 0, 1, 3
Total current of all applicable
pins
-30
IOAH(2)
Port 2
Total current of all applicable
pins
-30
IOAH(3)
Ports 0, 1, 2, 3
Total current of all applicable
pins
-50
Peak output
current
IOPL(1)
Ports 0, 3
Per 1 applicable pin
20
IOPL(2)
Ports 1, 2
Per 1 applicable pin
20
IOPL(3)
Port 7
Per 1 applicable pin
10
Average
output current
(Note 1-1)
IOML(1)
Ports 0, 3
Per 1 applicable pin
15
IOML(2)
Ports 1, 2
Per 1 applicable pin
15
IOML(3)
Port 7
Per 1 applicable pin
7.5
Total output
current
IOAL(1)
Ports 0, 1, 2, 3, 7
Total current of all applicable
pins
80
Allowable power
dissipation
Pd max (1)
QFP36
Ta=-40 to +85
C
Package alone
mW
Pd max (2)
Ta=-40 to +85
C
Mounted on thermal
resistance test board
(Note 1-2)
Operating ambient
temperature
Topr
-40
+85
C
Storage ambient
temperature
Tstg
-55
+125
Note 1-1: The average output current is an average of current values measured over 100ms intervals.
Note 1-2: Thermal resistance test board used conforms to SEMI (size: 76.1×114.3×1.6tmm, glass epoxy board).


Similar Part No. - LC87F0A08AUEB-NH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F0A08AUEB-NH

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com