Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F2708AUMD-AH Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC87F2708AUMD-AH
Description  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F2708AUMD-AH Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC87F2708AUMD-AH Datasheet HTML 7Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 8Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 9Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 10Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 11Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 12Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 13Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 14Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LC87F2708A
No.A1335-11/24
1. Absolute Maximum Ratings at Ta=25C, VSS1=0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min.
typ.
max.
unit
Maximum supply
voltage
VDDMAX
VDD1
0.3
to
+6.5
V
Input voltage
VI
RES#
0.3
to
VDD+0.3
Input/output
voltage
VIO
 Port 1
 Port 3
0.3
to
VDD+0.3
Peak output
current
IOPH(1)
Port 1
 CMOS output selected
 Per applicable pin
7.5
mA
IOPH(2)
Port 3
 CMOS output selected
 Per applicable pin
10
Mean output
current
(Note 1-1)
IOMH(1)
Port 1
 CMOS output selected
 Per applicable pin
5
IOMH(2)
Port 3
 CMOS output selected
 Per applicable pin
7.5
Total output
current
IOAH(1)
 Ports 10, 15,
16
 Ports 30, 31
Total of currents at all
applicable pins
20
IOAH(2)
 Ports 11 to 14
 Ports 32, 33
Total of currents at all
applicable pins
20
IOAH(3)
 Port 1
 Port 3
Total of currents at all
applicable pins
35
Peak output
current
IOPL(1)
Port 1
Per applicable pin
15
IOPL(2)
Port 3
Per applicable pin
10
Mean output
current
(Note 1-1)
IOML(1)
Port 1
Per applicable pin
10
IOML(2)
Port 3
Per applicable pin
7.5
Total output
current
IOAL(1)
 Port 10
 Ports 30, 31
Total of currents at all
applicable pins
25
IOAL(2)
 Ports 11 to 16
 Ports 32, 33
Total of currents at all
applicable pins
35
IOAL(3)
 Port 1
 Port 3
Total of currents at all
applicable pins
55
Power dissipation
Pdmax(1)
MFP14S
 Ta=
40 to +85C
 Independent package
113
mW
Pdmax(2)
 Ta=
40 to +85C
 Mounted on thermal
test board
 (Note 1-2)
260
Operating ambient
temperature
Topr
40
to
+85
C
Storage ambient
temperature
Tstg
55
to
+125
Note 1-1: Mean output current refers to the average of output currents measured for a period of 100ms.
Note 1-2: Thermal test board used conforms to SEMI (size : 76.1
114.3 1.6 tmm, glass epoxy board).
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.


Similar Part No. - LC87F2708AUMD-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F2708AUMD-AH ONSEMI-LC87F2708AUMD-AH Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
More results

Similar Description - LC87F2708AUMD-AH

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com