Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8382A-00 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8382A-00
Description  10 A LOW DROPOUT POSITIV E REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8382A-00 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8382A-00 Datasheet HTML 1Page - Microsemi Corporation LX8382A-00 Datasheet HTML 2Page - Microsemi Corporation LX8382A-00 Datasheet HTML 3Page - Microsemi Corporation LX8382A-00 Datasheet HTML 4Page - Microsemi Corporation LX8382A-00 Datasheet HTML 5Page - Microsemi Corporation LX8382A-00 Datasheet HTML 6Page - Microsemi Corporation LX8382A-00 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
10A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8382-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 1.0
8/97
4
P RODUCTION D ATA S HEET
APPLICA TION NOTES
The LX8382/8382A series ICs are easy to use Low-Dropout (LDO)
voltage regulators. They have all of the standard self-protection
features expected of voltage regulators: short circuit protection,
safe operating area protection and automatic thermal shutdown
if the device temperature rises above approximately 165°C.
Use of an output capacitor is REQUIRED with the LX8382/82A
series. Please see the table below for recommended minimum
capacitor values.
These regulators offer a more tightly controlled reference
voltage tolerance and superior reference stability when measured
against the older pin-compatible regulator types that they replace.
STABILITY
The output capacitor is part of the regulator’s frequency compen-
sation system.
Many types of capacitors are available, with
different capacitance value tolerances, capacitance temperature
coefficients, and equivalent series impedances. For all operating
conditions, connection of a 220µF aluminum electrolytic capacitor
or a 47µF solid tantalum capacitor between the output terminal
and ground will guarantee stable operation.
If a bypass capacitor is connected between the output voltage
adjust (ADJ) pin and ground, ripple rejection will be improved
(please see the section entitled “RIPPLE REJECTION”). When ADJ
pin bypassing is used, the required output capacitor value
increases. Output capacitor values of 220µF (aluminum) or 47µF
(tantalum) provide for all cases of bypassing the ADJ pin. If an
ADJ pin bypass capacitor is not used, smaller output capacitor
values are adequate.
The table below shows recommended
minimum capacitance values for stable operation.
INPUT
OUTPUT
ADJ
10µF
15µF Tantalum, 100µF Aluminum
None
10µF
47µF Tantalum, 220µF Aluminum
15µF
In order to ensure good transient response from the power supply
system under rapidly changing current load conditions, designers
generally use several output capacitors connected in parallel.
Such an arrangement serves to minimize the effects of the parasitic
resistance (ESR) and inductance (ESL) that are present in all
capacitors. Cost-effective solutions that sufficiently limit ESR and
ESL effects generally result in total capacitance values in the range
of hundreds to thousands of microfarads, which is more than
adequate to meet regulator output capacitor specifications. Out-
put capacitance values may be increased without limit.
The circuit shown in Figure 1 can be used to observe the
transient response characteristics of the regulator in a power
system under changing loads. The effects of different capacitor
types and values on transient response parameters, such as
overshoot and undershoot, can be quickly compared in order to
develop an optimum solution.
RECOMMENDED CAPACITOR VALUES
FIGURE 1 — DYNAMIC INPUT and OUTPUT TEST
LX8382-xx
/82A-xx
Power Supply
OUT
IN
ADJ
Star Ground
1 sec
10ms
R
DSON << RL
Full Load
(Smaller resistor)
Minumum Load
(Larger resistor)
OVERLOAD RECOVERY
Like almost all IC power regulators, the LX8382 regulators are
equipped with Safe Operating Area (SOA) protection. The SOA
circuit limits the regulator's maximum output current to progres-
sively lower values as the input-to-output voltage difference
increases. By limiting the maximum output current, the SOA circuit
keeps the amount of power that is dissipated in the regulator itself
within safe limits for all values of input-to-output voltage within the
operating range of the regulator.
The LX8382 SOA protection
system is designed to be able to supply some output current for all
values of input-to-output voltage, up to the device breakdown
voltage.
Under some conditions, a correctly operating SOA circuit may
prevent a power supply system from returning to regulated
operation after removal of an intermittent short circuit at the output
of the regulator. This is a normal mode of operation which can be
seen in most similar products, including older devices such as 7800
series regulators. It is most likely to occur when the power system
input voltage is relatively high and the load impedance is relatively
low.
When the power system is started “cold”, both the input and
output voltages are very close to zero. The output voltage closely
follows the rising input voltage, and the input-to-output voltage
difference is small. The SOA circuit therefore permits the regulator
to supply large amounts of current as needed to develop the
designed voltage level at the regulator output. Now consider the
case where the regulator is supplying regulated voltage to a resistive
load under steady state conditions. A moderate input-to-output
voltage appears across the regulator but the voltage difference is
small enough that the SOA circuitry allows sufficient current to flow
through the regulator to develop the designed output voltage across
the load resistance. If the output resistor is short-circuited to ground,
the input-to-output voltage difference across the regulator suddenly
becomes larger by the amount of voltage that had appeared across
the load resistor. The SOA circuit reads the increased input-to-
output voltage, and cuts back the amount of current that it will
permit the regulator to supply to its output terminal. When the short
circuit across the output resistor is removed, all the regulator output
current will again flow through the output resistor. The maximum
current that the regulator can supply to the resistor will be limited
by the SOA circuit, based on the large input-to-output voltage across
the regulator at the time the short circuit is removed from the output.


Similar Part No. - LX8382A-00

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8383 MICROSEMI-LX8383 Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8383-00 MICROSEMI-LX8383-00 Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8383-00CP MICROSEMI-LX8383-00CP Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8383-00CV MICROSEMI-LX8383-00CV Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8383-00IP MICROSEMI-LX8383-00IP Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8382A-00

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP37 IMP-IMP37 Datasheet
270Kb / 6P
   Low Dropout Positiv Voltage Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
   Low Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com