Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX7001CLP Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX7001CLP
Description  TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7001CLP Datasheet(HTML) 6 Page - Microsemi Corporation

  LX7001CLP Datasheet HTML 1Page - Microsemi Corporation LX7001CLP Datasheet HTML 2Page - Microsemi Corporation LX7001CLP Datasheet HTML 3Page - Microsemi Corporation LX7001CLP Datasheet HTML 4Page - Microsemi Corporation LX7001CLP Datasheet HTML 5Page - Microsemi Corporation LX7001CLP Datasheet HTML 6Page - Microsemi Corporation LX7001CLP Datasheet HTML 7Page - Microsemi Corporation LX7001CLP Datasheet HTML 8Page - Microsemi Corporation LX7001CLP Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
LX7001
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.2
6/99
6
P RODUCTION
D AT A
S HEET
CHARACTERISTIC CUR VES
-55
-25
0
25
50
75
100
125
150
10
18
(T
J)
Temperature - ( C)
30
14
22
26
RESET Load = 10K
04
10
0
400
(V
IN)
Input Voltage - (V)
1000
200
600
800
26
8
-40 C
+25 C
+85 C
+125 C
-55 C
0
400
(T
J)
Temperature - ( C)
1200
200
600
800
1000
100
300
500
700
900
1100
1300
-55
-25
0
25
50
75
100
125
150
10V
5V
FIGURE 8. — LOW LEVEL OUTPUT CURRENT vs. TEMPERATURE
FIGURE 7. — SUPPLY CURRENT vs. TEMPERATURE
FIGURE 5. — THRESHOLD HYSTERESIS vs. TEMPERATURE
FIGURE 6. — SUPPLY CURRENT vs. INPUT VOLTAGE
0
30
(T
J)
Temperature - ( C)
80
20
40
50
10
60
70
-55
-25
0
25
50
75
100
125
150


Similar Part No. - LX7001CLP

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LX703 POLYFET-LX703 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX703 POLYFET-LX703_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

Similar Description - LX7001CLP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com