Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX7001CDM Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX7001CDM
Description  TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7001CDM Datasheet(HTML) 5 Page - Microsemi Corporation

  LX7001CDM Datasheet HTML 1Page - Microsemi Corporation LX7001CDM Datasheet HTML 2Page - Microsemi Corporation LX7001CDM Datasheet HTML 3Page - Microsemi Corporation LX7001CDM Datasheet HTML 4Page - Microsemi Corporation LX7001CDM Datasheet HTML 5Page - Microsemi Corporation LX7001CDM Datasheet HTML 6Page - Microsemi Corporation LX7001CDM Datasheet HTML 7Page - Microsemi Corporation LX7001CDM Datasheet HTML 8Page - Microsemi Corporation LX7001CDM Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
LX7001
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1999
Rev. 1.2
6/99
P RODUCTION
D AT A
S HEET
CHARACTERISTIC CUR VES
FIGURE 2. — POWER-UP RESET VOLTAGE
04
10
0
4
(V
IN)
Input Voltage - (V)
10
2
6
8
26
8
R
L = 10K
T
A = 25 C
FIGURE 3. — RESET OUTPUT VOLTAGE vs. INPUT VOLTAGE
4.55
0
2
(V
IN)
Input Voltage - (V)
5
1
3
4
4.57
4.56
4.58 4.59 4.60 4.61 4.62 4.63 4.64 4.65
-55
4.54
4.58
(T
J)
Temperature - ( C)
4.64
4.56
4.60
4.62
-25
0
25
50
75
100
125
150
Upper Threshold
High State Output
Lower Threshold
Low State Output
V
T+
V
T-
FIGURE 4. — THRESHOLD VOLTAGE vs. TEMPERATURE
0
200
500
0
0.8
(t) Time - ( s)
2.0
0.4
1.2
1.6
100
300
400
0.2
0.6
1.0
1.4
1.8
RESET
V
IN
FIGURE 1. — RESET OUTPUT VOLTAGE vs. INPUT VOLTAGE


Similar Part No. - LX7001CDM

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LX703 POLYFET-LX703 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX703 POLYFET-LX703_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

Similar Description - LX7001CDM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com