Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5247 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX5247
Description  9 - LINE LVD SCSI TERMINATO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5247 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX5247 Datasheet HTML 1Page - Microsemi Corporation LX5247 Datasheet HTML 2Page - Microsemi Corporation LX5247 Datasheet HTML 3Page - Microsemi Corporation LX5247 Datasheet HTML 4Page - Microsemi Corporation LX5247 Datasheet HTML 5Page - Microsemi Corporation LX5247 Datasheet HTML 6Page - Microsemi Corporation LX5247 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
9-L IN E LVD SCSI T ERMIN ATOR
P RELIMINA R Y D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNO V A TION
LX5245/5246/5247
DESCRIPTION
KEY FE A TURES
s 2.5pF Typical Disabled Output
Capacitance
s Fast Response, No External Capacitors
Required
s 5µA Supply Current In Disconnect Mode
s 20mA Supply Current During Normal
Operation
s Logic Command Disconnects All
Termination Lines
s Diffsense Line Driver
s Current Limit And Thermal Protection
s Compatible With The Pending SPI-2 LVD
Specification
s Mention 5249 as LVD only terminator
with pinout compatable with industry
standard multi-mode terminators
s Pin compatable with unitrode UCC5640
PRODUCT HIGHLIGHT
The LX5245/5246/5247 ICs are Low Volt-
age Differential (LVD) Terminators de-
signed to comply with the LVD termination
specification in the SPI-2 document.
The
LX5245/5246/5247 are designed specifically
for LVD applications. Because the LX5245/
5246/5247 support only LVD, they have lower
output capacitance than multimode termina-
tors such as the LX5240.
The
LX5245/5246/5247
Utilize
Linfinity’s UltraMAX Technology which
delivers the ultimate in SCSI bus performance
while saving component cost and board area.
Elimination of the external capacitors also
mitigates the need for a lengthy capacitor
selection process. The individual high band-
width drivers also maximize channel sepa-
ration and reduces channel-to-channel noise
and cross talk.
The high-bandwidth
UltraMAX architecture insures ULTRA-2 per-
formance, while providing a clear migration
path to ULTRA-3 and beyond.
When The LX5245/5246/5247 Are
Enabled,
The
Differential
Sense
(DIFFSENSE) Pin Supplies A Voltage
Between 1.2V And 1.4V.
In application,
the terminator DIFFSENSE output is con-
nected to the system DIFFSENSE line.
If
there are no single ended or HVD devices
attached to the system the LVD output will
be enabled. If the DIFFSENSE line is LOW,
indicating a single ended device, the LX5245/
5246/5247 output will be HiZ.
If the
DIFFSENSE line is HIGH, indicating a high
voltage differential device the LX5245/5246/
5247 output will be HiZ.
The LX5245/5246/5247 ICs Have A TTL
Compatible DISCONNECT Pin. The
LX5245/47 is active LOW and the LX5246
is active HIGH. During sleep mode, power
dissipation is reduced to a meager 5µA, while
also placing all outputs in a HI Z state. Also
during sleep mode, the DIFFSENSE function
is disabled and is placed in a HI Z state.
V
(+)
V
(-)
V
OD = V(-) - V(+), Logic = 0
NEGATED
0V
100mV
-100mV
LX5245/46/47
LX5245/46/47
B U S V O L T AGE 1 V
OD
UltraMAX
TM
0 to 70
LX5245CPW
LX5246CPW
P A CKAGE O RDER INFO
T
A (°C)
Note: All surface-mount packages are available in Tape & Reel.
Append the letter "T" to part number. (i.e. LX5245CPWT)
Plastic TSSOP
24-pin
28-PIN
Copyright © 2000
Rev. 0.6 10/00
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L I N F INITY M ICROELECTRONICS I NC .
NOTE: For current data & package dimensions, visit our web site: http://www.linfinity.com.
PW


Similar Part No. - LX5247

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5240 MICROSEMI-LX5240 Datasheet
165Kb / 5P
   MULTIMODE, PLUG AND PLAY SCSI TERMINATOR
LX5240CDB MICROSEMI-LX5240CDB Datasheet
165Kb / 5P
   MULTIMODE, PLUG AND PLAY SCSI TERMINATOR
LX5240CPW MICROSEMI-LX5240CPW Datasheet
165Kb / 5P
   MULTIMODE, PLUG AND PLAY SCSI TERMINATOR
LX5241 MICROSEMI-LX5241 Datasheet
261Kb / 7P
   MULTIMODE SCSI TERMINATOR
LX5241CDBK MICROSEMI-LX5241CDBK Datasheet
261Kb / 7P
   MULTIMODE SCSI TERMINATOR
More results

Similar Description - LX5247

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
   9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5680 TI1-UCC5680_15 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Texas Instruments
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com