Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR8576AA Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # NR8576AA
Description  Real-time Clock Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

NR8576AA Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button NR8576AA Datasheet HTML 2Page - Nippon Precision Circuits Inc NR8576AA Datasheet HTML 3Page - Nippon Precision Circuits Inc NR8576AA Datasheet HTML 4Page - Nippon Precision Circuits Inc NR8576AA Datasheet HTML 5Page - Nippon Precision Circuits Inc NR8576AA Datasheet HTML 6Page - Nippon Precision Circuits Inc NR8576AA Datasheet HTML 7Page - Nippon Precision Circuits Inc NR8576AA Datasheet HTML 8Page - Nippon Precision Circuits Inc NR8576AA Datasheet HTML 9Page - Nippon Precision Circuits Inc NR8576AA Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NR8576 Series
NIPPON PRECISION CIRCUITS—8
FUNCTIONAL DESCRIPTION
Timer data configuration
s
Counter data in BCD code format
s
Automatic long/short month and leap-year adjustment
s
24-hour time display
s
LSB first write and read data
1. * bit: Optional write bits.
2. FDT bit: Supply voltage detect bit
• The FDT bit is set to 1 when the voltage between VDD and VSS falls below 1.7 ± 0.3 V.
• The FDT bit is reset to 0 for data reads longer than 48 bits. Note that the FDT bit is not reset to 0 for data
reads of 47 bits or less.
• The read/write data bits should be should be set to 0. After the supply voltage is applied, the FDT bit
should be set to 0.
3. TM bit: Factory test bit. Should be set to 0 for normal use.
FDT
S40
S20
S10
S8
S1
S2
S4
mi40
mi20
mi10
mi8
mi1
mi2
mi4
h20
h10
h8
h1
h2
h4
w1
w2
w4
d20
d10
d8
d1
d2
d4
mo10
mo8
mo1
mo2
mo4
TM
y80
y40
y20
y10
y8
y1
y2
y4
MSB
LSB
Second ( 0 to 59 )
Minute ( 0 to 59 )
Hour ( 0 to 23 )
Week ( 1 to 7 )
Day ( 1 to 31 )
Month ( 1 to 12 )
Year ( 0 to 99 )
VDD
CE
VDET
FDT
(READ MODE)
Detected Pulse
0.5 second
0.5 second


Similar Part No. - NR8576AA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
NR8576AA NPC-NR8576AA Datasheet
105Kb / 11P
   Real-time Clock Modules
More results

Similar Description - NR8576AA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
NR8576 NPC-NR8576 Datasheet
105Kb / 11P
   Real-time Clock Modules
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com