Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NR8576AA Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part No. NR8576AA
Description  Real-time Clock Modules
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NPC [Nippon Precision Circuits Inc]
Homepage  http://www.npc.co.jp/en
Logo 

NR8576AA Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NR8576 Series
NIPPON PRECISION CIRCUITS—4
Oscillator Characteristics
DC Electrical Characteristics
VSS = 0 V, VDD = 5.0 V ± 10%, Ta = −40 to 85 °C unless otherwise noted
Parameter
Symbol
Condition
Rating
Unit
Frequency deviation
∆f/f
O
Ta = 25 °C,
VDD = 5.0 V
NR8576
×A
5 ± 12
ppm
NR8576
×B
5 ± 23
ppm
Frequency temperature characteristic
Top
Ta = −10 to 70 °C,
VDD = 5.0 V, 25 °C std
+10/
−120
ppm
Frequency voltage characteristic
f/V
Ta = 25 °C,
VDD = 2.0 to 5.5 V
±2
ppm/V
Oscillator start time
tSTA
Ta = 25 °C, VDD = 2.5 V
3
s
Aging
fA
Ta = 25 °C, VDD = 5.0 V,
first year
±5
ppm
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
IDD1
VDD = 5.0 V
CE = VSS, FOE = VSS,
FSEL = VDD,
FOUT: floating
1.5
3.0
µA
IDD2
VDD = 3.0 V
1.0
2.0
µA
IDD3
VDD = 2.0 V
0.5
1.0
µA
IDD4
VDD = 5.0 V
CE = VSS, FOE = VDD,
FSEL = VSS,
FOUT: 32 kHz output
4.0
10.0
µA
IDD5
VDD = 3.0 V
2.5
6.5
µA
IDD6
VDD = 2.0 V
1.5
4.0
µA
HIGH-level input voltage
VIH
CE, FSEL, WR, FOE, CLK, DATA
0.8VDD
––
V
LOW-level input voltage
VIL
CE, FSEL, WR, FOE, CLK, DATA
0.2VDD
V
Input OFF leakage current
IOFF
CE, FSEL, WR, FOE, CLK;
VIN = VDD or VSS
0.5
µA
HIGH-level output voltage
VOH1
VDD = 5.0 V
IOH = −1.0 mA;
DATA, FOUT
4.5
V
VOH2
VDD = 3.0 V
2.0
V
LOW-level output voltage
VOL1
VDD = 5.0 V
IOL = 1.0 mA;
DATA, FOUT
0.5
V
VOL2
VDD = 3.0 V
0.8
V
Output load fanout
N/CL
FOUT
2 LSTTL/30 pF max.
Output leakage current
IOZH
VOUT = 5.5 V; DATA, FOUT
−1.0
1.0
µA
IOZL
VOUT = 0 V; DATA, FOUT
−1.0
1.0
µA
Supply voltage detect
threshold voltage
VDT
1.4
1.7
2.0
V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM5832MICROPROCESSOR REAL-TIME CLOCK/CALENDAR 1 2 3 4 5 MoreOKI electronic componets
RS5C316AULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs 1 2 3 4 5 MoreRICOH electronics devices division
ICM7170Microprocessor-Compatible Real-Time Clock 1 2 3 4 5 MoreIntersil Corporation
BQ3285LFY2K-Enhanced Real-Time Clock RTC 1 2 3 4 5 MoreTexas Instruments
MC146818REAL-TIME CLOCK PLUS RAM RTC 1 2 3 4 5 MoreMotorola, Inc
M41T50Serial Access Digital Input Real-Time Clock with Alarms 1 2 3 4 5 MoreSTMicroelectronics
SM8577BReal-time Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
RS5C317AULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs  1 2 3 4 5 MoreRICOH electronics devices division
DS172853V/5V Real-Time Clock 1 2 3 4 5 MoreDallas Semiconductor
SM8578BVReal-time Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn