Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMB-161-D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IMB-161-D
Description  Socket LGA1155 for Intel Core i7/i5/i3/Celeron (Ivy Bridge and Sandy Bridge)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IMB-161-D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IMB-161-D Datasheet HTML 1Page - List of Unclassifed Manufacturers IMB-161-D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
The specification is subject to change without notice. The brand and product names are trademarks of their respective companies. Any configuration other than original product specification is not guaranteed.
Mini-ITX Motherboard
IMB-161-D
Processor System
Dimension
CPU
Core Number
Max Speed
L3 Cache
Chipset
BIOS
Mini-ITX (6.7-in x 6.7-in)
Socket LGA1155 for Intel Core i7/i5/i3/Celeron
(Sandy Bridge and Ivy Bridge)
(By CPU, Max 4)
(By CPU)
(By CPU)
H61
UEFI
Expansion Slot
PCI
Mini-PCIe
mSATA
PCIe
CFast Card Socket
0
1 (Half Size)
0
1 (x16) (IVY Bridge: Gen3; Sandy Bridge: Gen2)
0
Memory
Technology
Max.
Socket
Dual Channel DDR3 1066/1333/1600 MHz SDRAM
16GB
2 x SO-DIMM
Ethernet
Interface
Controller
Connector
10/100/1000 Mbps
GbE LAN1:Intel 82583V, LAN2: Intel 82579V
RJ-45 x 2 w/ LED
SATA
Max Data Transfer Rate 4 x SATA2 (3.0Gb/S)
Rear I/O
VGA
HDMI
DVI-I/D
Display Port
Ethernet
USB
Audio
Serial
PS/2
0
1
1 (DVI-I)
1
2
6 (USB 2.0 compliant)
2 (Mic-in, Line-out)
2 (RS-232/422/485)
1 (Combo)
Internal Connector
USB
LVDS/Inverter
VGA
Serial
SATA
m-SATA
Mini-PCIe
Parallel
IrDA
GPIO
SATA PWR Output Con
Speaker Header
2 (USB 2.0 compliant)
0
0
4 (RS-232)
4 x SATA2 (3.0Gb/s)
0
1
0
0
4 x GPI + 4 x GPO
0
1
Specifications
Watchdog Timer
Output
Interval
Output from super I/O to drag RESETCON#
256 segments, 0,1,2…255sec/min
Power Requirements
Input PWR
Power On
ATX PWR (24+4 pin)
AT/ATX Supported
AT : Directly PWR on as Power input ready
ATX: Press Button to PWR on after Power input ready
Environment
Operating Temperature 0ºC – 60ºC
Socket LGA1155 for Intel Core i7/i5/i3/Celeron (Ivy Bridge and
 
Sandy Bridge)
Intel® H61 Chipset
Integrated Intel® HD Graphics Built-in Visuals
Supports DDR3 1600MHz, 2 x SO-DIMM, up to 16GB system memory
2 x COM (RS-232/422/485), 4 x COM (RS-232)
1 x D-Sub, 1 x HDMI, 1 x Dual Channel 24-bit DisplayPort
8 x USB 2.0, 4 x SATA2
1 x PCIe x16, 1 x mini-PCIe
Gigabit LAN : 1 x Intel 82579V, 1 x Intel 82583V
1 x TPM Header
Spotlight Features
Graphics
Controller
VRAM
VGA
LVDS
HDMI
DVI
Display Port
Multi Display
Intel HD Graphics (By CPU)
Shared Memory
Supports HDMI 1.4a, max resolution 1920x1200
Yes (Dual Display)
Supports max resolution 1920x1200
Supports max resolution 2560x1600
No
No


Similar Part No. - IMB-161-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-161-L ETC2-IMB-161-L Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron (Ivy Bridge and Sandy Bridge)
More results

Similar Description - IMB-161-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-161-L ETC2-IMB-161-L Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron (Ivy Bridge and Sandy Bridge)
IMB-170 ETC2-IMB-170 Datasheet
1Mb / 2P
   Socket G2 (rPGA988B) for Intel Core i7/i5/i3/Celeron (Ivy Bridge and Sandy Bridge)
IMB-770 ETC2-IMB-770 Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
IMB-171-L ETC2-IMB-171-L Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
IMB-171-D ETC2-IMB-171-D Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
IMB-370-D ETC2-IMB-370-D Datasheet
686Kb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
IMB-370-L ETC2-IMB-370-L Datasheet
689Kb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
logo
Axiomtek Co., Ltd.
IMB206 AXIOMTEK-IMB206_17 Datasheet
282Kb / 1P
   LGA1155 socket 2nd gen Intel짰 Core i7/i5/i3 & Celeron processor (Sandy Bridge)
logo
List of Unclassifed Man...
IPC-I5619M-2R ETC2-IPC-I5619M-2R Datasheet
655Kb / 2P
   Intel Core i7/i5/i3 Sandy bridge Processor
IPC-I5618M-2W ETC2-IPC-I5618M-2W Datasheet
769Kb / 2P
   Intel Core i7/i5/i3 Sandy bridge Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com