Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LX5248 Datasheet(PDF) 4 Page - Microsemi Corporation

Part No. LX5248
Description  9 - LINE LVD SCSI TERMINATOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

LX5248 Datasheet(HTML) 4 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9-L IN E LVD SCSI T ERMIN ATOR
LX5248/LX5249
PRODUCT D A T ABOOK 1996/1997
Copyright © 2001
Rev. 0.6 1/01
4
P RELIMINA R Y D AT A S HEET
UltraMAX
BLOCK DIAGRAM
FIGURE 1 — LX5248 / 5249 Block Diagram
Internal V
REF
1.30V
Power ON
ZD(-)
52.5
ZD(+)
52.5
Zcm
200
Window
Comp.
LATCH
Power ON
& Mode
Change
Delay
HVD
LVD
SE
Power ON
10mA
V
TERMPWR
DIFFSENSE
DIFF B
SE
HVD
LVD
LVD (+)
LVD (-)
1 of 9
1.07mA
1.07mA
LVD
1.25V
SE
HVD
LVD
M/S
HVD
LVD
SE


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn