Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMB-142 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IMB-142
Description  Intel Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IMB-142 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IMB-142 Datasheet HTML 1Page - List of Unclassifed Manufacturers IMB-142 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The specification is subject to change without notice. The brand and product names are trademarks of their respective companies. Any configuration other than original product specification is not guaranteed.
Industrial Motherboards
Processor System
Dimension
CPU
Core Number
Max Speed
L3 Cache
Chipset
BIOS
Mini-ITX (6.7-in x 6.7-in)
Intel® Dual-Core AtomTM CedarView Processor D2550/
N2600/N2800
Supports Hyper-Threading Technology
2
D2550/N2800: 1.86 GHz, N2600: 1.6GHz
N/A
NM10
UEFI
Expansion Slot
PCI
Mini-PCIE
mSATA
PCIe x16 (Gen2)
CFast Card Socket
1
1 (Full Size)
0
0
0
Memory
Technology
Max.
Socket
Single Channel DDR3 800/1066 MHz SDRAM
D2550/N2800: 4GB, N2600: 2GB
D2550/N2800: 2 x SO-DIMM, N2600: 1 x SO-DIMM
Ethernet
Interface
Controller
Connector
10/100/1000 Mbps
GbE LAN: 2 x Intel WG82574L
2 x RJ-45
SATA
Max Data Transfer Rate SATA2 (3.0Gb/s)
Rear I/O
VGA
HDMI
DVI-I/D
Display Port
Ethernet
USB
Audio
Serial
PS/2
0
1
1 (DVI-D)
0
2
2 (USB 2.0 compliant)
2 (Mic-in, Line-out)
0
0
Internal Connector
USB
LVDS/Inverter
VGA
Serial
SATA
m-SATA
Mini-PCIE
Parallel
IrDA
GPIO
SATA PWR Output Con
Speaker Header
6 (USB 2.0 compliant)
1/0
1
2 (RS-232)
2 x SATA2 (3.0Gb/s)
0
1
0
0
4 x GPI + 4 x GPO
1
0
Mini-ITX Motherboard
IMB-142
Specifications
Watchdog Timer
Output
Interval
N/A
N/A
Power Requirements
Input PWR
Power On
12V DC-In (4-pin ATX PWR Con)
ATX Supported:
Press Button to PWR on after Power input ready
Environment
Operating Temperature 0ºC – 60ºC
Intel® Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
Intel® NM10 Express Chipset
Integrated Intel® PowerVR SGX545, DirectX 9.0, Pixel Shader 3.0
Supports DDR3 1066MHz, 2 x SO-DIMM, up to 4GB system memory
1 x HDMI, 1 x DVI-D, 1 x Single Channel 18-bit LVDS
8 x USB 2.0, 2 x SATA2
1 x PCI, 1 x mini-PCIe
Gigabit LAN : 2 x Intel WG82574L
Spotlight Features
Graphics
Controller
VRAM
VGA
LVDS
HDMI
DVI
Display Port
Multi Display
Intel® PowerVR SGX545, Support Directx9 compliant Pixel
Shader v3.0 and OGL 3.0
Shared Memory
By Header, supports max. resolution 1920 x 1200
Single Channel 18bits, max resolution 1440x900
Supports HDMI 1.3a, max resolution 1920x1200
Supports max resolution 1920 x 1200
No
Yes


Similar Part No. - IMB-142

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-140 ETC2-IMB-140 Datasheet
1Mb / 2P
   Intel짰 Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
IMB-140D-PLUS ETC2-IMB-140D-PLUS Datasheet
1Mb / 2P
   Intel Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
IMB-146 ETC2-IMB-146 Datasheet
1Mb / 2P
   Intel짰 Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
IMB-147 ETC2-IMB-147 Datasheet
1Mb / 2P
   Intel짰 Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
IMB-148 ETC2-IMB-148 Datasheet
800Kb / 1P
   Intel짰 AtomTM CedarView Processor D2550
More results

Similar Description - IMB-142

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-140D-PLUS ETC2-IMB-140D-PLUS Datasheet
1Mb / 2P
   Intel Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
IMB-140 ETC2-IMB-140 Datasheet
1Mb / 2P
   Intel짰 Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
IMB-147 ETC2-IMB-147 Datasheet
1Mb / 2P
   Intel짰 Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
IMB-146 ETC2-IMB-146 Datasheet
1Mb / 2P
   Intel짰 Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
IMB-130 ETC2-IMB-130 Datasheet
1Mb / 2P
   Intel짰 Dual-Core AtomTM CedarView Processor D2550/N2600/N2800
logo
AAEON Technology
GENE-CV05 AAEON-GENE-CV05 Datasheet
347Kb / 2P
   3.5 SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
logo
List of Unclassifed Man...
IB895 ETC2-IB895 Datasheet
601Kb / 1P
   Intel AtomTM D2550 / N2600 3.5" Disk-Size SBC w/ Intel NM10 PCH
logo
AAEON Technology
GENE-CV05 AAEON-GENE-CV05_13 Datasheet
249Kb / 2P
   3.5??SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
logo
Advantech Co., Ltd.
ARK-2120F ADVANTECH-ARK-2120F_16 Datasheet
1Mb / 2P
   Intel Atom Dual Core D2550
SOM-6765 ADVANTECH-SOM-6765_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600/N2800/D2550 COM Express짰 Compact Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com