Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5212CN Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX5212CN
Description  9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5212CN Datasheet(HTML) 3 Page - Microsemi Corporation

  LX5212CN Datasheet HTML 1Page - Microsemi Corporation LX5212CN Datasheet HTML 2Page - Microsemi Corporation LX5212CN Datasheet HTML 3Page - Microsemi Corporation LX5212CN Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9-LINE LOW CAPACITANCE, µPOWER SCSI TERMINATOR
LX5212
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1997
Rev. 1.8
11/97
P RODUCTION D AT A S HEET
Terminator Impedance
Z
OUT
I
OUT = -5mA to -15mA, TA = 25°C
I
OUT = -5mA to -15mA
Terminator Output High Voltage
V
OUT
Max. Output Current
I
OUT
V
OUT = 0.5V, T A = 25°C
V
OUT = 0.5V
V
OUT = 0.5V, V TERM = 4V, TA = 25°C
V
OUT = 0.5V, VTERM = 4V
Output Leakage
Disconnect = Open, V
OUT = 0.5V to 4V, TA = 25°C
Disconnect = Open, V
TERM = Open, VOUT = 0.5V to 4V, TA = 25°C
Output Capacitance
C
OUT
Disconnect = Open, Note 3, DP Package
Sink Current
V
OUT = 4V
RECOMMENDED OPERATING CONDITIONS
(Note 2)
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
4
5.25
V
05
V
0V
TERM
V
2.2
µF
0
125
°C
TermPwr Voltage
V
TERM
Signal Line Voltage
Disconnect Input Voltage
Output Capacitor on REGOUT
Operating Virtual Junction Temperature Range
LX5212C
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperature range of 0°C
≤ T
A ≤ 70°C.
TermPwr = 4.75V, Discon-
nect = 0V. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
LX5212
Min.
Typ.
Max.
0.6
1.2
mA
194
210
mA
0.5
1
µA
Supply Current Section
TermPwr Supply Current
I
TERM
All term lines = Open
All term lines = 0.5V
Power Down Mode
I
TERM
Disconnect = Open
104
110
116
100
110
120
2.7
2.9
V
-20.3
-21.8
-23
mA
-19.0
-21.8
-23
mA
-19.5
-21.8
-23
mA
-18.0
-21.8
-23
mA
10
100
nA
10
100
nA
1.8
2.5
pF
20
30
mA
Output Section (Terminator Lines)
3.6
V
10
20
mV
20
50
mV
0.7
1.0
V
-200
-350
mA
150
°C
Regulator Section
Regulator Output Voltage
V
REG
Line Regulation
V
TERM = 4V to 6V
Load Regulation
I
REG = 0 to -50mA
Drop Out Voltage
V
DO
I
REG = -50mA
Short Circuit Current
I
SC
V
REG = 0V
Thermal Shutdown
0.8
2.0
V
40
µA
Disconnect Section
Disconnect Threshold
Input Current
Disconnect = 0V
Note 2. Range over which the device is functional.
Note 3. This parameter, while guaranteed by design, is not 100% production tested.


Similar Part No. - LX5212CN

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LX521 POLYFET-LX521 Datasheet
45Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
logo
Microsemi Corporation
LX5211 MICROSEMI-LX5211 Datasheet
150Kb / 4P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211CDP MICROSEMI-LX5211CDP Datasheet
150Kb / 4P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211CPWP MICROSEMI-LX5211CPWP Datasheet
150Kb / 4P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5213 MICROSEMI-LX5213 Datasheet
150Kb / 4P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
More results

Similar Description - LX5212CN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5211 MICROSEMI-LX5211 Datasheet
150Kb / 4P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5213 MICROSEMI-LX5213 Datasheet
150Kb / 4P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5107 MICROSEMI-LX5107 Datasheet
155Kb / 5P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
logo
Texas Instruments
UC5604 TI-UC5604 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5612 TI-UC5612 Datasheet
279Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
logo
Microsemi Corporation
LX5207 MICROSEMI-LX5207 Datasheet
140Kb / 4P
   18-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5208 MICROSEMI-LX5208 Datasheet
144Kb / 4P
   18-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
logo
Texas Instruments
UC5613 TI-UC5613 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5604DP TI-UC5604DP Datasheet
202Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5605 TI-UC5605 Datasheet
245Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com