Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LX5208 Datasheet(PDF) 4 Page - Microsemi Corporation

Part No. LX5208
Description  18-LINE LOW CAPACITANCE, μPOWER SCSI TERMINATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5208 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX5208 Datasheet HTML 1Page - Microsemi Corporation LX5208 Datasheet HTML 2Page - Microsemi Corporation LX5208 Datasheet HTML 3Page - Microsemi Corporation LX5208 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
18-LINE LOW CAPACITANCE, µPOWER SCSI TERMINATOR
LX5208
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.9
3/98
4
P RODUCTION D ATA S HEET
BLOCK DIAGRAM
FIGURE 1 — LX5208 BLOCK DIAGRAM
APPLICA TION SCHEMA TIC
FIGURE 2 — 8/16-BIT SCSI SYSTEM APPLICATION
LX5213
MSG
RST
ACK
BSY
ATN
TERM POWER
DB (P1)
DB (15)
DB (14)
DB (1)
DB (0)
5V
LX5208
SCSI CABLE
TERMPWR
HOST
PERIPHERAL
V
TERM
REGOUT
2.2µF
4.7µF
4.7µF
5V
TERM POWER
MSG
RST
ACK
BSY
ATN
DB (P1)
DB (15)
DB (14)
DB (1)
DB (0)
V
TERM
V
TERM
REGOUT
REGOUT
V
TERM
LX5213
LX5208
TERMPWR
2.2µF
4.7µF
4.7µF
Wide
Narrow
Wide
Narrow
REGOUT
VBG
DISCONNECT
V
TERM
REG OUT
V
TERM
V
TERM
T0
T17
Channel
1 of 18
PRODUCTION DATA - Information contained in this document is proprietary to Lin Finity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LX5207 18-LINE LOW CAPACITANCE μPOWER SCSI TERMINATOR 1  2  3  4  Microsemi Corporation
LX5107 9-LINE LOW CAPACITANCE μPOWER SCSI TERMINATOR 1  2  3  4  5  Microsemi Corporation
LX5211 9-LINE LOW CAPACITANCE μPOWER SCSI TERMINATOR 1  2  3  4  Microsemi Corporation
LX5212 9-LINE LOW CAPACITANCE μPOWER SCSI TERMINATOR 1  2  3  4  Microsemi Corporation
UC5608 18-Line Low Capacitance SCSI Active Terminator 1  2  3  4  Texas Instruments
LX5213 9-LINE LOW CAPACITANCE μPOWER SCSI TERMINATOR 1  2  3  4  Microsemi Corporation
UC5609 18-Line Low Capacitance SCSI Active Terminator 1  2  3  4  Texas Instruments
UCC5610 18-Line 3-5 Volt Low Capacitance SCSI Active Terminator 1  2  3  4  5  Texas Instruments
REG5608 LOW CAPACITANCE 18-Line SCSI ACTIVE TERMINATOR 1  2  3  4  5  Burr-Brown (TI)
UC5604 9-Line Low Capacitance SCSI Active Terminator 1  2  3  4  5  Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn