Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX432CSE Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX432CSE
Description  LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX432CSE Datasheet(HTML) 3 Page - Microsemi Corporation

  LX432CSE Datasheet HTML 1Page - Microsemi Corporation LX432CSE Datasheet HTML 2Page - Microsemi Corporation LX432CSE Datasheet HTML 3Page - Microsemi Corporation LX432CSE Datasheet HTML 4Page - Microsemi Corporation LX432CSE Datasheet HTML 5Page - Microsemi Corporation LX432CSE Datasheet HTML 6Page - Microsemi Corporation LX432CSE Datasheet HTML 7Page - Microsemi Corporation LX432CSE Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
LX432
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 1.0
9/99
P RODUCTION D ATA S HEET
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for LX432C with 0°C
≤ T
A ≤ 70°C, and the LX432I
with -40°C
≤ T
A ≤ 85°C.)
Parameter
Symbol
Test Conditions
LX432
Units
Min.
Typ.
Max.
1.228
1.24
1.252
V
312
mV
420
mV
-1
-2.7
mV/V
0.1
0.5
µA
0.05
0.3
µA
0.1
0.4
µA
55
80
µA
0.2
0.4
0.004
µA
Reference Voltage
V
REF
I
K = 10mA, VKA = VREF, TA = 25°C
Reference Voltage Drift (Note 2)
∆V
REF
I
K = 10mA, VKA = VREF, 0°C ≤ TA ≤ 70°C
I
K = 10mA, VKA = VREF, -40°C ≤ TA ≤ 85°C
Ratio Of V
REF Change In Cathode
∆V
REF
I
K = 10mA, VKA = VREF to 16V, TA = 25°C
Voltage Change (Note 3)
∆V
KA
Reference Terminal Current
I
REF
I
K = 10mA, VKA = VREF, TA = 25°C, R1=10kΩ, R2 = Open
Reference Current Drift (Note 2)
∆I
REF
I
K = 10mA, VKA = VREF, 0°C ≤ TA ≤ 70°C
I
K = 10mA, VKA = VREF, -40°C ≤ TA ≤ 85°C
Minimum Cathode Current For Regulation
I
K (MIN)
V
KA = VREF, TA = 25°C
Dynamic Impedance
Z
KA
I
K = 0.1mA to 15mA, VKA = VREF, TA = 25°C
Off-state Cathode Current
I
OFF
V
KA = 16V, TA = 25°C
Note 2. These parameters are guaranteed by design.
Note 3.
Ratio of change in reference input voltage
to the change in cathode voltage.
∆V
REF
∆V
KA


Similar Part No. - LX432CSE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX432CSC MICROSEMI-LX432CSC Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - LX432CSE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com