Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1563IM Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1563IM
Description  SECOND-GENERATION POWER FACTOR CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1563IM Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1563IM Datasheet HTML 4Page - Microsemi Corporation LX1563IM Datasheet HTML 5Page - Microsemi Corporation LX1563IM Datasheet HTML 6Page - Microsemi Corporation LX1563IM Datasheet HTML 7Page - Microsemi Corporation LX1563IM Datasheet HTML 8Page - Microsemi Corporation LX1563IM Datasheet HTML 9Page - Microsemi Corporation LX1563IM Datasheet HTML 10Page - Microsemi Corporation LX1563IM Datasheet HTML 11Page - Microsemi Corporation LX1563IM Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
SECOND-GENERATION POWER FACTOR C ONTROLLER
LX1562/1563
PRODUCT DA T ABOOK 1996/1997
Copyright © 1996
Rev. 1.3
12/96
8
P RODUCTION D ATA
S HEET
CHARACTERISTIC CUR VES
FIGURE 6. — E.A. SINK CURRENT @2V vs. TEMPERATURE
FIGURE 7. — START-UP SUPPLY CURRENT vs. TEMPERATURE
FIGURE 8. — START-UP SUPPLY CURRENT vs. TEMPERATURE
FIGURE 5. — E.A. INPUT BIAS CURRENT vs. TEMPERATURE
100.0
0.0
(T
A)
Ambient Temperature - (°C)
350.0
150.0
-50
-25
0
25
50
75
100
125
V
IN < VTH
C
L = 1nF
50.0
200.0
250.0
300.0
LX1563
100.0
0.0
(T
A)
Ambient Temperature - (°C)
350.0
150.0
-50
-25
0
25
50
75
100
125
V
IN < VTH
C
L = 1nF
50.0
200.0
250.0
300.0
LX1562
-0.2
-0.5
(T
A)
Ambient Temperature - (°C)
-0.1
-50
-25
0
25
50
75
100
125
-0.4
0.0
V
CC = 12V
C
L = 1nF
E.A.- = 2.5V
-0.3
0.1
0.2
0.3
0.4
0.5
4.0
3.0
(T
A)
Ambient Temperature - (°C)
6.0
4.5
-50
-25
0
25
50
75
100
125
V
CC = 12V
C
L = 1nF
V
EA0 = 2V
3.5
5.0
5.5


Similar Part No. - LX1563IM

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX15 BANNER-LX15 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
logo
Lumins Inc.
LX150P LUMINIS-LX150P Datasheet
99Kb / 2P
   H.I.D. Ballast assembly post top pull-out tray, for ease of access
LX150PC LUMINIS-LX150PC Datasheet
99Kb / 2P
   Post top mount
LX150PH LUMINIS-LX150PH Datasheet
99Kb / 2P
   Post top mount
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
More results

Similar Description - LX1563IM

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
SN11087 SONIX-SN11087 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
logo
Shenzhen Xinmao Microel...
LP8773 LANDP-LP8773 Datasheet
921Kb / 11P
   Second generation pre-conversIon PWM controller
LP8773S LANDP-LP8773S Datasheet
922Kb / 11P
   Second generation pre-conversIon PWM controller
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
   Second generation AMD embedded
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com