Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1660 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # LX1660
Description  ADVANCED PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1660 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button LX1660 Datasheet HTML 7Page - Microsemi Corporation LX1660 Datasheet HTML 8Page - Microsemi Corporation LX1660 Datasheet HTML 9Page - Microsemi Corporation LX1660 Datasheet HTML 10Page - Microsemi Corporation LX1660 Datasheet HTML 11Page - Microsemi Corporation LX1660 Datasheet HTML 12Page - Microsemi Corporation LX1660 Datasheet HTML 13Page - Microsemi Corporation LX1660 Datasheet HTML 14Page - Microsemi Corporation LX1660 Datasheet HTML 15Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
A D V ANCED PWM C ONTROLLER
LX1660/1661
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.1
7/98
12
P RODUCTION D ATA S HEET
USING THE LX1660/61 DEVICES
CURRENT LIMIT (continued)
Recommended sense resistor sizes are given in the following
table:
CURRENT LIMIT (continued)
The dc/static tripping current I
trip,S satisfies:
I
trip,S =
Select L/R
SCS ≤ RL to have higher dynamic tripping curr ent
than the static one. The dynamic tripping current I
trip,d satisfies:
I
trip,d =
General Guidelines for Selecting R
S , CS , and RL
R
L =
Select: R
S ≤ 10 kΩ
and C
S according to:
C
Sn =
The above equation has taken into account the current-de-
pendency of the inductance. Typical values are: R
L = 3mΩ, RS =
9k
Ω, C
S = 0.1µF, and L is 2.5µH at 0A current.
In cases where R
L is so large that the trip point current would
be lower than the desired short-circuit current limit, a resistor (R
S2)
can be put in parallel with C
S, as shown in Figure 8. The selection
of components is as follows:
=
C
S =
=
*
Again, select (R
S2 //RS) < 10k Ω.
C4 ERROR COMPARATOR INPUT BYPASS CAPACITOR
The LX1660/61 device has a unique topology which results in
extremely fast response to transient disturbances. Actual loop
closure is around a comparator. A capacitor should be placed
between the INV and NINV Error Comparator inputs to eliminate
jitter and noise. This capacitor value should be: C = ½ C
T , where
C
T is the timing capacitor.
Refer to Capacitor C4 in the Applica-
tion Information section.
C7 HICCUP CAPACITOR SELECTION
The hiccup capacitor controls two time periods; the ON time
duration of 10% duty cycle mode, and the OFF-time duration
before re-try. The ON:OFF-time ratios will always be 1:10 due to
the current sources which charge (10I) and discharge (I) the
hiccup capacitor. Select C
HICCUP by using:
Duration of reduced D operation = 100ms/µF
R
L
L/R
SCS
|T(j
ω)|
ω
1/R
SCS
R
L/L
FIGURE 9 — Sensor Gain
FIGURE 8 — Current Sense Circuit
R
L
L
R
S
C
S
V
CS
Current
Sense
Comparator
Load
R
S2
Copper
Copper
Desired Resistor
Dimensions (w x l)
Weight
Thickness
Value
mm
inches
2 oz/ft2
68µm
2.5m
2.5 x 22
0.1 x 0.85
5m
2.5 x 43
0.1 x 1.7
TABLE 3 - PCB Sense Resistor Selection Guide
Loss-Less Current Sensing Using Resistance of Inductor
Any inductor has a parasitic resistance, R
L, which causes a DC
voltage drop when current flows through the inductor. Figure 8
shows a sensor circuit comprising of a surface mount resistor, R
S,
and capacitor, C
S, in parallel with the inductor, eliminating the
current sense resistor.
The current flowing through the inductor is a triangle wave.
If the sensor components are selected such that:
L/R
L = RS *
C
S
The voltage across the capacitor will be equal to the current
flowing through the resistor, i.e.
V
CS = I LRL
Since V
CS reflects the inductor current, by selecting the appro-
priate R
S
and C
S , VCS can be made to reach the comparator
voltage at the desired trip current.
Design Example
(Pentium II circuit, with a maximum static current of 14.2A)
The gain of the sensor can be characterized as:
V
trip
L/(R
SCS)
V
trip
R
L
V
trip
I
trip,S
L
n
R
L RS
R
L (Required)
R
L (Actual)
R
S2
R
S2 + RS
L
R
L (Actual) * (RS2 // RS)
L
R
L (Actual)
R
S + RS2
R
S2 * RS


Similar Part No. - LX1660

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1662 MICROSEMI-LX1662 Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662A MICROSEMI-LX1662A Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662ACD MICROSEMI-LX1662ACD Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662ACN MICROSEMI-LX1662ACN Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662CD MICROSEMI-LX1662CD Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
More results

Similar Description - LX1660

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
logo
STMicroelectronics
L6733 STMICROELECTRONICS-L6733 Datasheet
60Kb / 3P
   Advanced modular synchronous PWM controller
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com