Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1554 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1554
Description  ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1554 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1554 Datasheet HTML 2Page - Microsemi Corporation LX1554 Datasheet HTML 3Page - Microsemi Corporation LX1554 Datasheet HTML 4Page - Microsemi Corporation LX1554 Datasheet HTML 5Page - Microsemi Corporation LX1554 Datasheet HTML 6Page - Microsemi Corporation LX1554 Datasheet HTML 7Page - Microsemi Corporation LX1554 Datasheet HTML 8Page - Microsemi Corporation LX1554 Datasheet HTML 9Page - Microsemi Corporation LX1554 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
LX1552/3/4/5
PRODUCT D A T ABOOK 1996/1997
Copyright © 1994
Rev. 1.0a
1/01
6
P RODUCTIO N D ATA
S HEET
CHARACTERISTIC CU R VES
FIGURE 2. — MAXIMUM DUTY CYCLE vs. TIMING RESISTOR
FIGURE 3. — OSCILLATOR DISCHARGE CURRENT vs.
TEMPERATURE
FIGURE 4. — OSCILLATOR FREQUENCY vs. TEMPERATURE
FIGURE 1. — OSCILLATOR FREQUENCY vs. TIMING RESISTOR
0.1
0
40
(R
T)
Timing Resistor - (k )
100
20
50
80
1
10
100
10
60
70
90
30
V
CC = 15V
T
A = 25°C
100
0.1
0.1
1
1000
(R
T)
Timing Resistor - (k )
100
10
1
10
V
CC = 15V
T
A = 25°C
C
T = 3.3nF
C
T = 1nF
C
T = 6.8nF
C
T = 22nF
C
T = 47nF
C
T = 0.1µF
7.70
8.10
(T
A)
Ambient Temperature - (°C)
7.90
8.20
7.80
8.30
8.40
8.00
-75
-50
-25
0
25
50
75
100
125
8.50
V
CC = 15V
V
PIN4 = 2V
45
49
(T
A)
Ambient Temperature - (°C)
47
50
46
51
52
48
-75
-50
-25
0
25
50
75
100
125
53
V
CC = 15V
R
T = 10k
C
T = 3.3nF
54
55


Similar Part No. - LX1554

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX15 BANNER-LX15 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
logo
Lumins Inc.
LX150P LUMINIS-LX150P Datasheet
99Kb / 2P
   H.I.D. Ballast assembly post top pull-out tray, for ease of access
LX150PC LUMINIS-LX150PC Datasheet
99Kb / 2P
   Post top mount
LX150PH LUMINIS-LX150PH Datasheet
99Kb / 2P
   Post top mount
logo
Microsemi Corporation
LX1562 MICROSEMI-LX1562 Datasheet
443Kb / 25P
   SECOND-GENERATION POWER FACTOR CONTROLLER
More results

Similar Description - LX1554

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
   Current Mode PWM Controller Low Start-Up and Operating Current
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
   Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Guangdong Youtai Semico...
UC2842 UMW-UC2842_V01 Datasheet
779Kb / 7P
   Low Start-Up and Operating Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com