Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0970B Datasheet(PDF) 6 Page - ON Semiconductor

Part # ENA0970B
Description  8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0970B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ENA0970B Datasheet HTML 2Page - ON Semiconductor ENA0970B Datasheet HTML 3Page - ON Semiconductor ENA0970B Datasheet HTML 4Page - ON Semiconductor ENA0970B Datasheet HTML 5Page - ON Semiconductor ENA0970B Datasheet HTML 6Page - ON Semiconductor ENA0970B Datasheet HTML 7Page - ON Semiconductor ENA0970B Datasheet HTML 8Page - ON Semiconductor ENA0970B Datasheet HTML 9Page - ON Semiconductor ENA0970B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LC87F2H08A
No.A0970-6/27
Pin Assignment
QFP36 (7
×7) “Lead-free Type”
QFP36
NAME
QFP36
NAME
1
P73/INT3/T0IN
19
P21/URX/INT4/T1IN
2
RES
20
P30/PWM4/INT5/T1IN
3
I.C.
21
P31/PWM5/INT5/T1IN
4
VSS1
22
N.C.
5
CF1/XT1
23
VSS2
6
CF2/XT2
24
P00/AN0
7
VDD1
25
P01/AN1
8
P10/SO0
26
P02/AN2
9
P11/SI0/SB0
27
P03/AN3
10
P12/SCK0
28
P04/AN4
11
P13/SO1/DBGP12
29
P05/AN5/CKO/DBGP00
12
P14/SI1/SB1/DBGP11
30
P06/AN6/T6O/DBGP01
13
P15/SCK1/DBGP10
31
P07/T7O/DBGP02
14
N.C.
32
N.C.
15
N.C.
33
N.C.
16
P16/T1PWML
34
P70/INT0/T0LCP/AN8
17
P17/T1PWMH/BUZ
35
P71/INT1/T0HCP/AN9
18
P20/UTX/INT4/T1IN
36
P72/INT2/T0IN
Note I.C. and N.C. pins must be held open (disconnected).
P04/AN4
P05/AN5/CKO/DBGP00
P06/AN6/T6O/DBGP01
P07/T7O/DBGP02
N.C.
N.C.
P70/INT0/T0LCP/AN8
P71/INT1/T0HCP/AN9
P72/INT2/T0IN
18
17
16
15
14
13
12
11
10
P20/UTX/INT4/T1IN
P17/T1PWMH/BUZ
P16/T1PWML
N.C.
N.C.
P15/SCK1/DGBP10
P14/SI1/SB1/DBGP11
P13/SO1/DBGP12
P12/SCK0
28
29
30
31
32
33
34
35
36
LC87F2H08A
Top view


Similar Part No. - ENA0970B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0970B SANYO-ENA0970B Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
More results

Similar Description - ENA0970B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com