Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0928 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ENA0928
Description  8-bit 1-chip Microcontroller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0928 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ENA0928 Datasheet HTML 4Page - ON Semiconductor ENA0928 Datasheet HTML 5Page - ON Semiconductor ENA0928 Datasheet HTML 6Page - ON Semiconductor ENA0928 Datasheet HTML 7Page - ON Semiconductor ENA0928 Datasheet HTML 8Page - ON Semiconductor ENA0928 Datasheet HTML 9Page - ON Semiconductor ENA0928 Datasheet HTML 10Page - ON Semiconductor ENA0928 Datasheet HTML 11Page - ON Semiconductor ENA0928 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LC87F5R96B
No.A0928-8/22
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 7
I/O
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
• Shared Pins
P70: INT0 input/HOLD reset input/timer 0L capture input/watchdog timer output
P71: INT1 input/HOLD reset input/timer 0H capture input
P72: INT2 input/HOLD reset input/timer 0 event input/timer 0L capture input/
high speed clock counter input
P73: INT3 input (with noise filter)/timer 0 event input/timer 0H capture input
AD converter input port: AN8 (P70), AN9 (P71)
• Interrupt acknowledge type
No
P70 to P73
Rising
Falling
Rising/
Falling
H level
L level
INT0
INT1
INT2
INT3
enable
enable
enable
enable
enable
enable
enable
enable
disable
disable
enable
enable
enable
enable
disable
disable
enable
enable
disable
disable
Port 8
I/O
• 7-bit I/O port
• I/O specifiable in 1-bit units
• Shared Pins
AD converter input port : AN0 (P80) to AN6 (P86)
No
P80 to P86
PWM2
PWM3
I/O
• PWM2 and PWM3 output ports
• General-purpose I/O available
No
Port 3
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
• Pin functions
P32: UART1 transmit
P33: UART1 receive
P34: UART2 transmit
P35: UART2 receive
Yes
P30 to P37
Port C
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
• Pin functions
DBGP0 to DBGP2(PC5 to PC7): On-chip Debugger
Yes
PC0 to PC7
RES
Input
Reset pin
No
XT1
Input
• 32.768kHz crystal oscillator input pin
• Shared pins
General-purpose input port
AD converter input port : AN10
Must be connected to VDD1 if not to be used.
No
XT2
I/O
• 32.768kHz crystal oscillator input pin
• Shared pins
General-purpose I/O port
AD converter input port : AN11
Must be set for oscillation and kept open if not to be used.
No
CF1
Input
Ceramic resonator input pin
No
CF2
Output
Ceramic resonator output pin
No


Similar Part No. - ENA0928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0928 SANYO-ENA0928 Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - ENA0928

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com