Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN7645B Datasheet(PDF) 4 Page - ON Semiconductor

Part # EN7645B
Description  Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN7645B Datasheet(HTML) 4 Page - ON Semiconductor

  EN7645B Datasheet HTML 1Page - ON Semiconductor EN7645B Datasheet HTML 2Page - ON Semiconductor EN7645B Datasheet HTML 3Page - ON Semiconductor EN7645B Datasheet HTML 4Page - ON Semiconductor EN7645B Datasheet HTML 5Page - ON Semiconductor EN7645B Datasheet HTML 6Page - ON Semiconductor EN7645B Datasheet HTML 7Page - ON Semiconductor EN7645B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MCH6536
No.7645-4/8
IT05206
--1.0
35
7 --10
23
5
7
23
5
7
2
--100
--1000
--10
--1.0
--0.1
7
5
3
2
7
5
3
2
VBE(sat) -- IC
Ta= --25°C
25°C
75°C
IC / IB=20
Collector Current, IC -- mA
27
35
--10
23
--1.0
27
35
--0.1
10
1.0
2
3
7
5
2
3
5
Cob -- VCB
IT05207
f=1MHz
Collector-to-Base Voltage, VCB -- V
--1.0
5
3
100
1000
7
5
3
2
--1000
--100
27
5
3
27
5
3
27
--10
fT -- IC
IT05208
VCE= --2V
Collector Current, IC -- mA
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
100
2
3
5
7
1000
2
3
5
7
10000
IT05495
Ta= --25°C
75°C
25
°C
IC / IB=20
VBE(sat) -- IC
Collector Current, IC -- mA
0.1
23
5
7 1.0
23
5
7
10
23
1.0
2
3
5
7
10
IT05497
f=1MHz
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
5
7
100
2
3
5
7
IT05496
VCE=2V
fT -- IC
Collector Current, IC -- mA
[PNP]
[NPN]
[PNP]
[NPN]
[PNP]
[NPN]
[PNP]
[NPN]
IT05205
--1.0
--100
--10
2
3
57
2
3
57
2
3
57
--100
--1000
--10
7
5
3
2
--1000
7
5
3
2
VCE(sat) -- IC
IC / IB=50
Ta
=75
°C
25°
C
--25
°C
Collector Current, IC -- mA
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
10
2
3
5
7
100
2
3
5
7
1000
IT05494
IC / IB=50
Ta
=75
°C
--25
°C
25
°C
VCE(sat) -- IC
Collector Current, IC -- mA


Similar Part No. - EN7645B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN7643A ONSEMI-EN7643A Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results

Similar Description - EN7645B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com