Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5707-E Datasheet(PDF) 9 Page - ON Semiconductor

Part # 2SC5707-E
Description  Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5707-E Datasheet(HTML) 9 Page - ON Semiconductor

Back Button 2SC5707-E Datasheet HTML 2Page - ON Semiconductor 2SC5707-E Datasheet HTML 3Page - ON Semiconductor 2SC5707-E Datasheet HTML 4Page - ON Semiconductor 2SC5707-E Datasheet HTML 5Page - ON Semiconductor 2SC5707-E Datasheet HTML 6Page - ON Semiconductor 2SC5707-E Datasheet HTML 7Page - ON Semiconductor 2SC5707-E Datasheet HTML 8Page - ON Semiconductor 2SC5707-E Datasheet HTML 9Page - ON Semiconductor 2SC5707-E Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2SA2040 / 2SC5707
No.6913-9/10
Outline Drawing
2SA2040-E, 2SC5707-E
Mass (g) Unit
0.315
* For reference mm


Similar Part No. - 2SC5707-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5707-E SANYO-2SC5707-E Datasheet
514Kb / 10P
   High-Current Switching Applications
2SC5707-E SANYO-2SC5707-E Datasheet
509Kb / 10P
   High-Current Switching Applications
logo
ON Semiconductor
2SC5707-E ONSEMI-2SC5707-E Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SC5707-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com