Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN7198B Datasheet(PDF) 4 Page - ON Semiconductor

Part # EN7198B
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN7198B Datasheet(HTML) 4 Page - ON Semiconductor

  EN7198B Datasheet HTML 1Page - ON Semiconductor EN7198B Datasheet HTML 2Page - ON Semiconductor EN7198B Datasheet HTML 3Page - ON Semiconductor EN7198B Datasheet HTML 4Page - ON Semiconductor EN7198B Datasheet HTML 5Page - ON Semiconductor EN7198B Datasheet HTML 6Page - ON Semiconductor EN7198B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1179N / 2SC2812N
No.7198-4/7
IT04207
0.1
23
5 7 1.0
23
5 7
10
23
5 7 100
0.01
0.001
7
2
7
5
3
2
5
3
7
2
IT04208
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
5
3
0.1
DC
operation
ICP=0.3A
IC=0.15A
10
μs
Ta=25
°C
Mounted on a glass epoxy board (20
✕30✕1.6mm)
For PNP, the minus sign is omitted.
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta


Similar Part No. - EN7198B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN7198B SANYO-EN7198B Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
More results

Similar Description - EN7198B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com