Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN6307C Datasheet(PDF) 4 Page - ON Semiconductor

Part No. EN6307C
Description  Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN6307C Datasheet(HTML) 4 Page - ON Semiconductor

  EN6307C Datasheet HTML 1Page - ON Semiconductor EN6307C Datasheet HTML 2Page - ON Semiconductor EN6307C Datasheet HTML 3Page - ON Semiconductor EN6307C Datasheet HTML 4Page - ON Semiconductor EN6307C Datasheet HTML 5Page - ON Semiconductor EN6307C Datasheet HTML 6Page - ON Semiconductor EN6307C Datasheet HTML 7Page - ON Semiconductor EN6307C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SA2013 / 2SC5566
No.6307-4/8
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
0.01
0.1
23
5
7
2
3
5 7
23
5
7
1.0
10
10000
1000
7
5
3
2
7
5
3
2
7
5
3
2
100
10
IT00161
Ta=75
°C
--25°
C
2SC5566
IC / IB=50
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
--10000
7
5
3
2
7
5
3
2
--1000
7
5
3
2
--100
--10
IT00159
Ta=75
°C
25°
C
25
°C
--25°
C
2SA2013
IC / IB=50
25
°C
25°
C
Ta=75
°C
--2
5°
C
VBE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Cob -- VCB
f T -- IC
f T -- IC
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
10
1.0
0.1
0.01
0.1
1.0
10
Ta= --25°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SC5566
IC / IB=50
IT00163
--10
--1.0
--0.1
--0.01
--0.1
--1.0
--10
Ta= --25°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SA2013
IC / IB=50
IT00162
25
°C
7
3
100
10
2
5
1000
7
5
3
2
--0.01
25 7
7
7
3
--0.1
25
32
5
3
--1.0
--10
57
IT00166
2SA2013
VCE= --10V
7
3
100
10
2
5
1000
7
5
3
2
0.01
25 7
7
7
3
0.1
25
32
5
3
1.0
10
5
IT00167
2SC5566
VCE=10V
5
3
2
7
5
3
2
7
5
3
2
100
10
0.1
23
3
77
3
7
75
5
1.0
2
10
2
5
100
5
IT00165
2SC5566
f=1MHz
5
3
2
7
5
3
2
2
7
5
3
100
10
--0.1
23
7
5
7
52
3
7
52
3
7
5
--1.0
--10
--100
IT00164
2SA2013
f=1MHz


Similar Part No. - EN6307C

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
EN6307C SANYO-EN6307C Datasheet
473Kb / 8P
   DC / DC Converter Applications
More results

Similar Description - EN6307C

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
50C02CH ONSEMI-50C02CH_16 Datasheet
302Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
   Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
   Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
   Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz