Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN6307C Datasheet(PDF) 1 Page - ON Semiconductor

Part No. EN6307C
Description  Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN6307C Datasheet(HTML) 1 Page - ON Semiconductor

  EN6307C Datasheet HTML 1Page - ON Semiconductor EN6307C Datasheet HTML 2Page - ON Semiconductor EN6307C Datasheet HTML 3Page - ON Semiconductor EN6307C Datasheet HTML 4Page - ON Semiconductor EN6307C Datasheet HTML 5Page - ON Semiconductor EN6307C Datasheet HTML 6Page - ON Semiconductor EN6307C Datasheet HTML 7Page - ON Semiconductor EN6307C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
72512 TKIM/62405EA MSIM TB-00001405/52501 TS KT TA-3260 No.6307-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SA2013/2SC5566
Bipolar Transistor
(-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single PCP
Applicaitons
Relay drivers, lamp drivers, motor drivers, flash
Features
Adoption of FBET and MBIT processes
Large current capacity
Low collector-to-emitter saturation voltage
High-speed switching
Ultrasmall package facilitales miniaturization in end products
High allowable power dissipation
( )2SA2013
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(-50)100
V
Collector-to-Emitter Voltage
VCES
(-50)100
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Continued on next page.
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : EN6307C
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SA2013-TD-E
2SC5566-TD-E
2SC5566
2SA2013
2
3
1
2SC5566
2
3
1
2SA2013


Similar Part No. - EN6307C

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
EN6307C SANYO-EN6307C Datasheet
473Kb / 8P
   DC / DC Converter Applications
More results

Similar Description - EN6307C

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
50C02CH ONSEMI-50C02CH_16 Datasheet
302Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
   Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
   Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
   Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz