Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN6307C Datasheet(PDF) 5 Page - ON Semiconductor

Part No. EN6307C
Description  Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN6307C Datasheet(HTML) 5 Page - ON Semiconductor

  EN6307C Datasheet HTML 1Page - ON Semiconductor EN6307C Datasheet HTML 2Page - ON Semiconductor EN6307C Datasheet HTML 3Page - ON Semiconductor EN6307C Datasheet HTML 4Page - ON Semiconductor EN6307C Datasheet HTML 5Page - ON Semiconductor EN6307C Datasheet HTML 6Page - ON Semiconductor EN6307C Datasheet HTML 7Page - ON Semiconductor EN6307C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SA2013 / 2SC5566
No.6307-5/8
10
1.0
0.01
2
7
5
3
2
7
5
3
2
0.1
7
5
3
2
1.0
0.1
10
100
25
37
25
37
25
37
ICP=7A
100ms
10ms1ms
500
μs
IC=4A
DC
oper
ati
on
IT00168
0
2.0
1.5
1.3
1.0
0.5
20
060
40
80
100
140
120
160
IT00169
2SA2013 / 2SC5566
A S O
PC -- Ta
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
2SA2013 / 2SC5566
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.
Mounted
on
a ceramic
board
(250mm
2
0.8mm)
PC -- Tc
Case Temperature, Tc --
°C
PC -- Tc
4.0
0
3.5
3.0
2.0
1.5
1.0
0.5
2.5
20
060
40
80
100
140
120
160
IT01533
2SA2013 / 2SC5566


Similar Part No. - EN6307C

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
EN6307C SANYO-EN6307C Datasheet
473Kb / 8P
   DC / DC Converter Applications
More results

Similar Description - EN6307C

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
50C02CH ONSEMI-50C02CH_16 Datasheet
302Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
   Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
   Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
   Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz