Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8164YTHA5 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS8164YTHA5
Description  8V/5V Low Dropout Dual Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8164YTHA5 Datasheet(HTML) 6 Page - ON Semiconductor

  CS8164YTHA5 Datasheet HTML 1Page - ON Semiconductor CS8164YTHA5 Datasheet HTML 2Page - ON Semiconductor CS8164YTHA5 Datasheet HTML 3Page - ON Semiconductor CS8164YTHA5 Datasheet HTML 4Page - ON Semiconductor CS8164YTHA5 Datasheet HTML 5Page - ON Semiconductor CS8164YTHA5 Datasheet HTML 6Page - ON Semiconductor CS8164YTHA5 Datasheet HTML 7Page - ON Semiconductor CS8164YTHA5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
to bias VOUT2 up to this point. Approximately 60µA will
suffice, resulting in a 10k
Ω external resistor for most appli-
cations.
Unlike the standby regulated output, which must remain
on whenever possible, the high current regulated output is
fault protected against overvoltage and also incorporates
thermal shutdown. If the input voltage rises above
approximately 30V (e.g., load dump), this output will
automatically shutdown. This protects the internal circuit-
ry and enables the IC to survive higher voltage transients
than would otherwise be expected. Thermal shutdown is
effective against die overheating since the high current out-
put is the dominant source of power dissipation in the IC.
The enable function controls VOUT1 When ENABLE is high
(5V), VOUT1 is on. When ENABLE is low, VOUT1 is off.
ENABLE
High Current Output
Circuit Description: continued
VIN
VOUT2
RD
10k
C3
+
VOUT2
Disabling VOUT2 when it is not needed. C3 is no longer needed.
CS8164
C1*
0.1
µF
ENABLE
VIN
VOUT1
Gnd
C3**
10
µF
+
+
10
µF
C2**
VOUT2
Test & Application Circuit
Application Notes
NOTES:
* C1 required if regulator is located far from power
supply filter.
** C2, C3 required for stability.
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start-up
delay, load transient response and loop stability.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum
or aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR can cause instabil-
ity. The aluminum electrolytic capacitor is the least expen-
sive solution, but, if the circuit operates at low tempera-
tures (-25°C to -40°C), both the value and ESR of the
capacitor will vary considerably. The capacitor manufac-
turers data sheet usually provides this information.
The value for each output capacitor shown in the test and
applications circuit should work for most applications,
however it is not necessarily the optimized solution.
To determine acceptable values for C2 and C3 a particular
application, start with a tantalum capacitor of the recom-
mended value and work towards a less expensive alterna-
tive part for each output.
Step 1:
Place the completed circuit with the tantalum
capacitors of the recommended values in an environmen-
tal chamber at the lowest specified operating temperature
and monitor the outputs with an oscilloscope. A decade
box connected in series with the capacitor C2 will simulate
the higher ESR of an aluminum capacitor. Leave the
decade box outside the chamber, the small resistance
added by the longer leads is negligible.
Step 2:
With the input voltage at its maximum value,
increase the load current slowly from zero to full load on
the output under observation. look for oscillations on the
output. If no oscillations are observed, the capacitor is
large enough to ensure a stable design under steady state
conditions.
Stability Considerations


Similar Part No. - CS8164YTHA5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8164YTHA5 CHERRY-CS8164YTHA5 Datasheet
167Kb / 8P
   8V/5V Low Dropout Dual Regulator with ENABLE
More results

Similar Description - CS8164YTHA5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
   8V/5V Low Dropout Dual Regulator with ENABLE
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
STMicroelectronics
STV8131 STMICROELECTRONICS-STV8131 Datasheet
68Kb / 5P
   5V AND 8V VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
   5V Low Dropout Regulator
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com